Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 30Page - STMicroelectronics L99LD01 Datasheet HTML 31Page - STMicroelectronics L99LD01 Datasheet HTML 32Page - STMicroelectronics L99LD01 Datasheet HTML 33Page - STMicroelectronics L99LD01 Datasheet HTML 34Page - STMicroelectronics L99LD01 Datasheet HTML 35Page - STMicroelectronics L99LD01 Datasheet HTML 36Page - STMicroelectronics L99LD01 Datasheet HTML 37Page - STMicroelectronics L99LD01 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
SPI functional description
L99LD01
34/69
DocID025319 Rev 3
3.3.3
Operating code definition
The SPI interface features four different addressing modes which are listed in Table 10.
The <Write Mode> and <Read Mode> operations allow access to the RAM of the device.
A <Read and Clear Mode> operation is used to read a status register and subsequently
clears its content.
The <Read Device Information> allows access to the ROM area which contains device
related information such as <ID-Header>, <Product Code>, <Silicon Version> and <SPI-
frame-ID>.
Write mode
The write mode of the device allows writing the content of the input data byte into the
addressed register. Incoming data are sampled on the rising edge of the serial clock (SCK),
MSB first.
Table 8. Global status byte
Bit
Name
Description
23
Global Error
Flag (GEF)
This bit is an OR combination of the remaining bits of the register OR (Vs_uv) OR
(Lmode_err)
22
Comm_Err
The right number of SPI clocks within any valid spi command is 24.
If not, then this bit is set to ‘1’.
This bit goes to ‘0’ automatically after any valid spi command
21
Not (Chip reset
OR Comm Err)
After a POR phase this bit is active (‘0’).
It becomes inactive (‘1’) after the first valid spi command,
provided that any communication error occurs.
20
LED Overload
This bit is set when an LED overcurrent event is detected
19
Temp. warning
Temperature Warning for the LED
18
Overvoltage
LED chain overvoltage or Vs overvoltage via INP_OV
(Led_Ov OR Vs_Overvoltage)
17
VCC1 Error
This bit is an OR combination of all the errors related to VCC1
16
Fail Safe
This bit is set if the device is in a limp home mode
(Data In stuck at ‘0’ or ‘1’, watchdog time out, software limp home), VCC1 undervoltage for
more than 2 ms in active mode.
Table 9. Operation code definition
OC1
OC0
Meaning
0
0
Write operation
0
1
Read operation
1
0
Read and clear status operation
1
1
Read device information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com