Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 39Page - STMicroelectronics L99LD01 Datasheet HTML 40Page - STMicroelectronics L99LD01 Datasheet HTML 41Page - STMicroelectronics L99LD01 Datasheet HTML 42Page - STMicroelectronics L99LD01 Datasheet HTML 43Page - STMicroelectronics L99LD01 Datasheet HTML 44Page - STMicroelectronics L99LD01 Datasheet HTML 45Page - STMicroelectronics L99LD01 Datasheet HTML 46Page - STMicroelectronics L99LD01 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 69 page
background image
DocID025319 Rev 3
43/69
L99LD01
SPI functional description
68
Figure 27. Principle of the WD_Status bits
Trimming and test register
Address:
0x3Eh
Type:
R/W
Reset:
0000 0000 0000 0000b
Configuration register
Address:
0x3Fh
Type:
R/W
Reset:
0000 0000 0000 0000b
15
14
13
12
11
10
98765
43210
TM[5:0]
Trim_Bus[9:0]
R/W
R
Bit [15:10] TM[5:0]: test mode selection (refer to the UQ49 test controller)
Bit [9:0] Trim_Bus[9:0]: copy of the data stored in the trimming fuse cells
15
14
13
12
11
10
9
8765
4321
0
Reserved
WD_Trig
—R/W
Bit [15:1] Reserved
Bit [0] WD_Trig: this bit must be toggled within the WD period to refresh the WD.
Note that this bit is copied in the Control register 1, bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com