Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 1 Page - STMicroelectronics

  L99LD01 Datasheet HTML 1Page - STMicroelectronics L99LD01 Datasheet HTML 2Page - STMicroelectronics L99LD01 Datasheet HTML 3Page - STMicroelectronics L99LD01 Datasheet HTML 4Page - STMicroelectronics L99LD01 Datasheet HTML 5Page - STMicroelectronics L99LD01 Datasheet HTML 6Page - STMicroelectronics L99LD01 Datasheet HTML 7Page - STMicroelectronics L99LD01 Datasheet HTML 8Page - STMicroelectronics L99LD01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
This is information on a product in full production.
June 2015
DocID025319 Rev 3
1/69
L99LD01
High efficiency constant current LED driver for automotive
applications
Datasheet
- production data
Features
• Automotive qualified
• Constant current operation
• Current LED settable by external sensing
resistor and adjustable via SPI
• Converter switching frequency adjustable by
external resistor (RSF)
• EMC reduction by internal spread spectrum
dither oscillator
• Low frequency PWM dimming operation.
• Maximum input current limiter
• Maximum switching duty cycle limiter
• Slope compensation adjustable by external
resistor (R9)
• Battery overvoltage shut down protection (ext.
R3, R4 resistors required)
• Led chain OV detection (ext. R5, R6)
• Multiplexed output for monitoring and control of
LED temperature (external NTC resistor
required), voltage of LED chain, and low
frequency PWM
• SPI communication serial interface transceiver
(SDI, SDO, SCK, CSN)
• Regulated output for micro supply 5 V ± 2 %
-20 mA
• Parameter programming and settings of
internal memory registers by the dedicated SPI
interface:
– LED current reference adjusting (± 66.7 %)
– Maximum input current limiter reference
adjusting (± 55.5 %)
– Random dither frequency sweeping,
modulation frequency and deviation
percentage
• Power on reset pin output
• ESD protection
Applications
Automotive day time running light, LED
HeadLamps
Description
L99LD01 is a precise constant current DC–DC
converter LED driver for automotive applications,
dedicated to the control of high-brightness LED
headlights and housed in a LQFP32™ package.
The device is designed to be used in Boost, Buck-
Boost and Fly back converter topologies. An
internal random dither oscillator works in low
frequency modulation, allowing the RF spectrum
of the switching frequency to spread so to reduce
EMC emissions. The slope compensation
ensures good converter loop stability whatever is
the duty cycle needed by the application.
The converter is able to work either in full power
mode or in low frequency dimming mode.
The device includes an internal low drop voltage
regulator, that can be used to supply a
microcontroller, and a reset pin, that is useful for
resetting the microcontroller at the start up and
every time that the regulated output voltage falls
down below an established voltage threshold.
Max VBATT
40
V
Operation supply battery voltage
VBATT
5.6 - 24
V
Oscillator frequency range
100 - 500
kHz
LQFP32
7x7 mm
GAPG1506151117CFT
www.st.com


Similar Part No. - L99LD01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99LD01 STMICROELECTRONICS-L99LD01 Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - L99LD01

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1313 AIMTRON-AT1313 Datasheet
195Kb / 12P
High Efficiency, Constant Current White-LED Driver
logo
Richtek Technology Corp...
RT9269 RICHTEK-RT9269 Datasheet
274Kb / 10P
Tiny Package, High Efficiency, Constant Current LED Driver
RT9269 RICHTEK-RT9269_07 Datasheet
191Kb / 9P
Tiny Package, High Efficiency, Constant Current LED Driver
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
High Efficiency, Constant Current 36V LED driver
logo
Maxic Technology Corpor...
MT7724 MAXIC-MT7724 Datasheet
165Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
MT771XH MAXIC-MT771XH Datasheet
228Kb / 1P
High Efficiency Buck Constant Current LED Driver
MT771XL MAXIC-MT771XL Datasheet
227Kb / 1P
High Efficiency Buck Constant Current LED Driver
MT773XH MAXIC-MT773XH Datasheet
234Kb / 1P
High Efficiency Buck Constant Current LED Driver
MT777XH MAXIC-MT777XH Datasheet
234Kb / 1P
High Efficiency Buck Constant Current LED Driver
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com