Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 31Page - STMicroelectronics L99LD01 Datasheet HTML 32Page - STMicroelectronics L99LD01 Datasheet HTML 33Page - STMicroelectronics L99LD01 Datasheet HTML 34Page - STMicroelectronics L99LD01 Datasheet HTML 35Page - STMicroelectronics L99LD01 Datasheet HTML 36Page - STMicroelectronics L99LD01 Datasheet HTML 37Page - STMicroelectronics L99LD01 Datasheet HTML 38Page - STMicroelectronics L99LD01 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
DocID025319 Rev 3
35/69
L99LD01
SPI functional description
68
During the same sequence outgoing data are shifted out MSB first on the falling edge of the
CSN pin and subsequent bits on the falling edge of the serial clock (SCK). The first byte
corresponds to the Global Status Byte and the second to the previous content of the
addressed register.
Figure 23. SPI write operation
Read mode
The read mode of the device allows to read and to check the state of any register. Incoming
data are sampled on the rising edge of the serial clock (SCK), MSB first. Outgoing data are
shifted out MSB first on the falling edge of the CSN pin and others on the falling edge of the
serial clock (SCK). The first byte corresponds to the Global Status Byte and the second to
the content of the addressed register. In case of a read mode on an unused address, the
‘global status/error’ byte on the SDO pin is following by 00H byte.
In order to avoid inconsistency between the Global status byte and the status register, the
status register contents are frozen during SPI communication.
Figure 24. SPI read operation
Read and clear status command
The read and clear status operation is used to clear the content of the addressed status
register (see Section : Status registers 1). A read and clear status operation with address
CSN
SDO
SDI
0MSB
MSB
MSB
LSB
LSB
LSB
LSB
Command Byte
Global Status Byte
(8 bit)
Data
(previous content of register)
Data
(8 bit)
0
Address
MSB
CSN
SDO
SDI
MSB
MSB
MSB
LSB
LSB
LSB
Command Byte
Global Status Byte
(8 bit)
Data
(8 bit)
Don’t care
(8 bit)
0LSB
1
Address
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com