Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 6Page - STMicroelectronics L99LD01 Datasheet HTML 7Page - STMicroelectronics L99LD01 Datasheet HTML 8Page - STMicroelectronics L99LD01 Datasheet HTML 9Page - STMicroelectronics L99LD01 Datasheet HTML 10Page - STMicroelectronics L99LD01 Datasheet HTML 11Page - STMicroelectronics L99LD01 Datasheet HTML 12Page - STMicroelectronics L99LD01 Datasheet HTML 13Page - STMicroelectronics L99LD01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
Functional description
L99LD01
10/69
DocID025319 Rev 3
2.1.4
Normal mode
•
Normal mode with microcontroller: the device enters this mode after a successful start
up (VCC1 > VCC1_TH) and a microcontroller is detected. The device keeps this mode as
long as the watchdog is retriggered before a timeout event.
•
Normal mode in standalone configuration: the device enters this mode if a standalone
configuration is detected, independently from VCC1 errors. The L99LD01 keeps this
mode even in case of watchdog timeouts.
In both cases, the converter behaves according to the PWM_L pin.
2.1.5
Software limp home
This device enters software limp home mode in case the Lh_Sw bit is set (see Section :
Control registers 3).
The control registers are set to their default values, with the exception of the Lh_Sw bit,
which remains unchanged.
The converter behaves according to the signal on the LHM pin:
–
Turned on if a high signal is detected at the LHM pin
–
Turned off if a low signal is detected at the LHM pin
2.1.6
Limp home mode
The device enters limp home mode, if a microcontroller is detected, in the following cases:
–
Watchdog timeout in normal mode
–VCC1 under voltage (VCC1 < VCC1_TH) for more than 2 ms in normal mode
–VCC1 is below the VCC1_FAIL threshold for more than 4 ms during start-up
–VCC1 is below Vcc1uv for more than 100 ms during start-up and VS is above
VSMIN threshold
–
Thermal shutdown of VCC1
–
SDI stuck at 0 or 1
In Limp Home mode, all the control registers are set to their default values, except Lh_Sw
(see Section : Control registers 3), which remains unchanged.
The converter behaves according to the voltage level on the LHM pin:
•
Turned on if a High signal is detected at the LHM pin
•
Turned off if a Low signal is detected at the LHM pin
Depending on the root cause, the action taken to quit the limp home mode (provided that the
limp home condition has disappeared) is different. Some of the recovery paths require the
microcontroller to be supplied by external supply.
A power on reset is always possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com