Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 12Page - STMicroelectronics L99LD01 Datasheet HTML 13Page - STMicroelectronics L99LD01 Datasheet HTML 14Page - STMicroelectronics L99LD01 Datasheet HTML 15Page - STMicroelectronics L99LD01 Datasheet HTML 16Page - STMicroelectronics L99LD01 Datasheet HTML 17Page - STMicroelectronics L99LD01 Datasheet HTML 18Page - STMicroelectronics L99LD01 Datasheet HTML 19Page - STMicroelectronics L99LD01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 69 page
background image
Functional description
L99LD01
16/69
DocID025319 Rev 3
Figure 7. Slow vs ramp down
2.2
Protections and functions
2.2.1
LED current adjust and temperature control
The LED current can be adjusted within a range of ± 66.7 %, with respect to the default
value set by the LED current sense resistor, via the SPI input, so allowing the end of line
calibration. The LED chain temperature measurement is achieved by means of an external
NTC resistor connected between the NTC pin and GND. The NTC resistor is supplied
through a resistor connected to the 5 V internal regulator output. As soon as the voltage on
the NTC resistor becomes lower than the internal threshold, VNTC_TH, (due to an
overtemperature in the LED chain) an internal circuitry is activated and the internal LED
current reference voltage decreases proportionally, so that the LED current is progressively



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com