Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 36Page - STMicroelectronics L99LD01 Datasheet HTML 37Page - STMicroelectronics L99LD01 Datasheet HTML 38Page - STMicroelectronics L99LD01 Datasheet HTML 39Page - STMicroelectronics L99LD01 Datasheet HTML 40Page - STMicroelectronics L99LD01 Datasheet HTML 41Page - STMicroelectronics L99LD01 Datasheet HTML 42Page - STMicroelectronics L99LD01 Datasheet HTML 43Page - STMicroelectronics L99LD01 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
SPI functional description
L99LD01
40/69
DocID025319 Rev 3
Control registers 3
Address:
0x03h
Type:
R/W
Reset:
0000 1000 0000 0000b
15
14
13
12
11
10
98765
43210
Reserved
Lh_Sw
Ctrl_Ota[3:0]
Ctrl_Drv[3:0]
Bit [15:13] Reserved
Bit [12] Lh_Sw:
The device goes in Limp Home mode without WD supervision (VCC1 stays on) when
the bit is set
Bit [11:8] Ctrl_Ota[3:0]: these bits set the delay between a rising edge of the PWM_L signal and
a connection of the output of the operation transconductance amplifier.
The delay is given by Ctrl_Ota[3:0]d * 3.3 µs (typ.)
Where Ctrl_Ota[3:0]d is the decimal value of Ctrl_Ota[3:0]
The default of these bits are loaded from the corresponding control bus
Bit [7:4] Ctrl_Drv[3:0]: these bits set the delay between a rising edge of the PWM_L signal and
the activation of the converter
The delay is given by:
Ctrl_Drv[3:0]d * 1.67 µs (typ.)
Where Ctrl_Drv[3:0]d is the decimal value of Ctrl_Drv[3:0]
The default of these bits are loaded from the corresponding control bus
Bit [3:0] Ctrl_Sw[3]: these bits set the delay between the falling edge of the PWM_L signal and
the turn off of the dimming mosfet M2.
The delay is given by:
Ctrl_Sw[3:0]d * 1.67 µs (typ.)
Where Ctrl_Sw[3:0]d is the decimal value of Ctrl_Sw[3:0]
The default of these bits are loaded from the corresponding control bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com