Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 38Page - STMicroelectronics L99LD01 Datasheet HTML 39Page - STMicroelectronics L99LD01 Datasheet HTML 40Page - STMicroelectronics L99LD01 Datasheet HTML 41Page - STMicroelectronics L99LD01 Datasheet HTML 42Page - STMicroelectronics L99LD01 Datasheet HTML 43Page - STMicroelectronics L99LD01 Datasheet HTML 44Page - STMicroelectronics L99LD01 Datasheet HTML 45Page - STMicroelectronics L99LD01 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
SPI functional description
L99LD01
42/69
DocID025319 Rev 3
Status registers 2
Address:
0x05h
Type:
R
15
14
13
12
11
10
98765
43210
Reserved
LHM
WD_Status[2:0]
—R
R(1)
R
R(1)
R
R(2)
1.
“Read only”, real time bit.
2.
“Read only” bit. These bits are cleared by a WD re-trigger.
Bit [15:9] Reserved
Bit [8] Led_Ov_Rec
Once this bit is set, the device will make a single trial to recover from an LED
overvoltage.
Bit [7] Ext_Vcc: this bit reflects the signal on the Ext_Vcc pin,
Bit [6] PWM_L: this bit reflects the signal on the PWM_L pin
Bit [5] Standalone: this bit is set if the device operates in standalone mode, without
microcontroller
Bit [4] LHM: reflects the level at LHM pin
Bit [3] Lh_Sw_St: is set if the software limp home mode is activated
Bit [2:0] WD_status[2:0]: these bits indicate the status of the watchdog timer (see Table 14 and
see Figure 27)
Table 14. Watchdog timer status
WD_Status[1]
WD_Status[1]
WD_Status[0]
WD timer status
000
[0…25 %[
001
[25 % … 50 %[
011
[50 % … 75 %[
111
[75 % … 100 %[



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com