Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 15Page - STMicroelectronics L99LD01 Datasheet HTML 16Page - STMicroelectronics L99LD01 Datasheet HTML 17Page - STMicroelectronics L99LD01 Datasheet HTML 18Page - STMicroelectronics L99LD01 Datasheet HTML 19Page - STMicroelectronics L99LD01 Datasheet HTML 20Page - STMicroelectronics L99LD01 Datasheet HTML 21Page - STMicroelectronics L99LD01 Datasheet HTML 22Page - STMicroelectronics L99LD01 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
DocID025319 Rev 3
19/69
L99LD01
Functional description
68
pins G1 and G2 to zero voltage and the event is registered in the status register of the SPI
interface and read by the micro.
In case of LED overvoltage, immediately after stopping the device, an internal resistor is
applied between pin ISENSE+ and GND trough the switch “C_disch” (see Figure 1), in order
to discharge capacitors C1 and C4, avoiding LED flashing when the converter restarts. Any
LED_OV event will be written in the GSB (Global Status Byte) bit 7 and also in the SR1
(Status Register 1) bit 18.
2.2.4
Battery overvoltage shutdown
In case supply voltage applied to the VS pin rises above a maximum voltage threshold,
sensed by a resistor divider attached at pin INP_OV, the converter is switched off
immediately, forcing outputs pin G1 and G2, to zero voltage. This prevents a LED over
current in case of load-dump.
If, following the input overvoltage event, the battery voltage decreases under a second
threshold, lower than the former, the converter starts again.
2.2.5
Regulators thermal shut down
Both voltage regulators inside the chip are provided with over temperature detection circuits.
If VR1 reaches its maximum temperature, VR1 will be switched off. After that, the behavior of
the device depends on the application (see Section 2.2.1: LED current adjust and
temperature control).
If instead, is VR2 to reach its maximum temperature (typ 175 °C), then the device will be
completely switched off (VCC1 and VCC2 =0).
Only the internal temperature monitoring of VCC2 remains alive and when the temperature
falls down under a second lower temperature threshold (150 °C typ.), the device tries to
restart again.
2.2.6
Reset
The NRES pin (active low), generates a reset signal for the microcontroller.
An external pull up resistor (typ. 100 k) maintain normally high the voltage at pin NRES (see
Figure 32).
Following a power up condition, the NRES pin is forced low while the voltage provided by
regulator 1 (VCC1) is below an internal fixed threshold VCC1_TH of typ 4.5 V. After VCC1 has
reached the above mentioned internal threshold, NRES voltage is kept low for a fixed
default time of 2 ms; after that, the NRES pin will be released reaching the normal high
state. However, this time can be externally extended by an additional capacitance
connected between NRES and GND (see C6 in the application circuits), which is charged by
the external pull-up. Depending on the reset-input-threshold of the µP (UTR), the required
capacitance for a typical TRD can be calculated as follows:
RPU is the pull up resistor (value in ohm)
C6
T
–
RD
R
PU lg 1
U
TR VCC 1
⁄
–
()
⋅
()
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com