Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 26Page - STMicroelectronics L99LD01 Datasheet HTML 27Page - STMicroelectronics L99LD01 Datasheet HTML 28Page - STMicroelectronics L99LD01 Datasheet HTML 29Page - STMicroelectronics L99LD01 Datasheet HTML 30Page - STMicroelectronics L99LD01 Datasheet HTML 31Page - STMicroelectronics L99LD01 Datasheet HTML 32Page - STMicroelectronics L99LD01 Datasheet HTML 33Page - STMicroelectronics L99LD01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
Functional description
L99LD01
30/69
DocID025319 Rev 3
As an example, if we want VS_TH1 = 20 V, according to the formula of Figure 20, R3/R4 will
result equal to 4.7 and consequently the deactivation threshold VS_TH2 will result ~ 17 V.
(b)
b.
Notice that the deactivation threshold must be always greater than the maximum allowed battery value in
normal conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com