Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 27Page - STMicroelectronics L99LD01 Datasheet HTML 28Page - STMicroelectronics L99LD01 Datasheet HTML 29Page - STMicroelectronics L99LD01 Datasheet HTML 30Page - STMicroelectronics L99LD01 Datasheet HTML 31Page - STMicroelectronics L99LD01 Datasheet HTML 32Page - STMicroelectronics L99LD01 Datasheet HTML 33Page - STMicroelectronics L99LD01 Datasheet HTML 34Page - STMicroelectronics L99LD01 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
DocID025319 Rev 3
31/69
L99LD01
SPI functional description
68
3
SPI functional description
3.1
Serial peripheral interface (ST SPI standard)
The SPI communication is based on a standard ST-SPI 24-bit interface, using CSN, SDI,
SDO and SCK signal lines.
Input data are shifted into SDI, MSB first while output data are shifted out on SDO, MSB
first.
During active mode, the SPI:
•
Triggers the watchdog
•
Controls the modes and status of all internal modules (incl. input and output drivers)
•
Provides driver output diagnostic
•
Provides device diagnostic (incl. over temperature warning, device operation status)
Note:
During standby modes, the SPI is generally deactivated.
The SPI can be driven by a microcontroller with its SPI peripheral running in following mode:
Figure 21. Clock polarity and clock phase
According to the standard, a generic input bit is sampled by the low to high transition of the
clock CLK and a generic output bit changes synchronously to the high to low transition of
CLK.
This device is not limited to micro controller through a built-in SPI. Only three CMOS-
compatible output pins and one input pin will be needed to communicate with the device. A
fault condition can be detected by setting CSN low. If CSN = 0, the DO pin will reflect the
global error flag (fault condition) of the device (see Figure 22). This operation does not
cause a communication error bit in the global status byte to be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com