Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 4Page - STMicroelectronics L99LD01 Datasheet HTML 5Page - STMicroelectronics L99LD01 Datasheet HTML 6Page - STMicroelectronics L99LD01 Datasheet HTML 7Page - STMicroelectronics L99LD01 Datasheet HTML 8Page - STMicroelectronics L99LD01 Datasheet HTML 9Page - STMicroelectronics L99LD01 Datasheet HTML 10Page - STMicroelectronics L99LD01 Datasheet HTML 11Page - STMicroelectronics L99LD01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
Functional description
L99LD01
8/69
DocID025319 Rev 3
2
Functional description
2.1
Operating modes
The device is able to work both with a microcontroller and without it (stand alone
configuration).
2.1.1
Operation with an external microcontroller
This way allows parameters to be adjusted and checked by means of the SPI interface.
The adjusted device parameters, stored, i.e., inside the micro EEPROM, can be loaded into
device internal registers after the start up phase.
By means of a small 8 pins microcontroller it is possible to implement the following
functions:
•
Parameters setting:
–
LED current level and maximum input current limit can be adjusted according to
the application, the LED characteristic and spreads
–
Dither oscillator parameters as random, frequency modulation and deviation
percentage can be programmed
•
Flexible PWM operation with duty cycle and frequency managed by the microcontroller
•
Diagnostic feedback:
–
Fault condition is sent to the micro when the CSN pin is pulled down
•
Advanced LED monitoring:
–
LED voltage drop and temperature are multiplexed and sent to the microcontroller
through the dedicated MOUT pin in order to monitor the selected parameter with
the A/D of the microcontroller. The multiplexer is driven through a SPI command.
This function allows a sophisticated control of the LED status. For example, as an
alternative to the default overvoltage detection, it is possible to monitor the LED
drop voltage, reduced by the external R5/R6 resistor divider. So taking into
account the spread and temperature influence on the LED voltage drop, the
microcontroller is able to detect if there is one or more LED shorted.
Furthermore, it is possible to monitor the LED chain temperature, by means of the
voltage feedback through the dedicated NTC pin. The temperature limit control,
operated by the device by default, can be disabled via the SPI and the voltage
applied on the NTC pin can be sent back to the microcontroller via the multiplexed
output, MOUT, so allowing the microcontroller itself to control the LED chain either
acting on the internal current LED register or reducing the low frequency PWM
duty cycle.
•
In case of VR1 over temperature, its output will be switched off, the device enters in limp
home mode and a failsafe bit will be set in the internal status register (see details in the
following paragraph). In order to restart the normal operation, so clearing the
corresponding status register bit, the VS or ENABLE voltage has to be switched off and
then on. The mentioned bit can be cleared by the microcontroller only when it is
external supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com