Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 24Page - STMicroelectronics L99LD01 Datasheet HTML 25Page - STMicroelectronics L99LD01 Datasheet HTML 26Page - STMicroelectronics L99LD01 Datasheet HTML 27Page - STMicroelectronics L99LD01 Datasheet HTML 28Page - STMicroelectronics L99LD01 Datasheet HTML 29Page - STMicroelectronics L99LD01 Datasheet HTML 30Page - STMicroelectronics L99LD01 Datasheet HTML 31Page - STMicroelectronics L99LD01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
Functional description
L99LD01
28/69
DocID025319 Rev 3
voltage string, according to the equation reported below, the LED overvoltage thresholds
are given by the following formulas:
VLED_OV =OV_TH1 / KL; being KL =R6 / (R5+R6);
OV_TH1 is the reference for the OV internal comparator. Typical value for OV_TH1 is 3.5 V.
LED OV event makes the converter and also mosfet M2 immediately switched OFF, in order
to prevent any damage to the LED string or to the driver. Furthermore, following an OV
event, the LED_OV status register is set and an internal load is applied between ISENSE+ pin
and ground in order to fast discharge the voltage across capacitor C4.
In the boost topology application, if a short circuit between the source of external mosfet M2
and GND occurs, an uncontrolled current could flow. In order to avoid this situation, a
maximum LED current protection has been inserted, which continuously monitors the
voltage across the sense resistor RSENSE. If this voltage reaches a value in excess of an
internal fixed threshold of (see Table 24 - LED over current protection threshold parameter),
the status bit LED_OC (led over current) is set and the converter and also mosfet M2 will be
immediately switched OFF.
Following a stop of the converter due to an OV event, the device can not be restarted before
of C4 discharge (VLED is below OV_TH2).
After an OV event, the converter could restart if a read and clear command of the LED_OV
status bit is done. Table 3 summarizes the suggested value of KL resistor ratio, supposing to
have a LED_OV event, when the voltage across LED string, reaches a value in excess of
50 % of its nominal value.
Figure 19. LED chain overvoltage thresholds settings. An example for boost and fly
back converters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com