Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 44Page - STMicroelectronics L99LD01 Datasheet HTML 45Page - STMicroelectronics L99LD01 Datasheet HTML 46Page - STMicroelectronics L99LD01 Datasheet HTML 47Page - STMicroelectronics L99LD01 Datasheet HTML 48Page - STMicroelectronics L99LD01 Datasheet HTML 49Page - STMicroelectronics L99LD01 Datasheet HTML 50Page - STMicroelectronics L99LD01 Datasheet HTML 51Page - STMicroelectronics L99LD01 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
Electrical characteristics
L99LD01
48/69
DocID025319 Rev 3
Table 19. NRES and LMODE pin characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VCC1_TH
Reset intervention threshold
4.6
4.7
4.8
V
TRR
VCC1 reset filtering time
VCC1 <VCC1_TH
13
16
23
µs
tFS
VCC1 reset time-out for fail safe
detection
VS ≥ VSMIN;
VCC1 <VCC1_TH; t ≥ tFS
1.6
2
2.9
ms
TRD
Reset delay time
VCC1 ≥ VCC1_TH
1.6
2
2.9
ms
INRES
High state reset sink current
VNRES =VS; NRES active
0.5
1.7
3.5
mA
INRES
High state reset leakage current
VNRES =VS; NRES
inactive
300
μA
VNRES_L
Reset I/O low state level
VCC1 ≤ VCC1_TH;
INRES =1 mA
0.5
V
VLMODE_H
Led mode switch high state input
4
V
VLMODE_L
Led mode switch low state input
1
V
-ILMODE
Internal pull up current source
VLMODE = 0
10
18
25
µA
Table 20. G1 driver 1 pin characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VG1_H
Gate1 high level
5
VCC2
V
VG1_L
Gate1 low level
0.5
V
tr_G1
Gate1 charging rise time
CG = 4.7 nF; VGS1 rising from
10 % to 90 %; VS ≥ 10 V
40
ns
tf_G1
Gate1 discharging fall time
CG = 4.7 nF; VGS1 falling from
90 % to 10 %; VS ≥ 10 V
40
ns
Table 21. G2 pin characteristics (driver2)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VG2_H
High state output
VG2 voltage
PWM_L = High;
V(ISENSE+)=30 V
V(ISENSE+) +10
V(ISENSE+) +14
V
VG2_L
Low state output
voltage VG2
PWM_L = Low;
V(ISENSE+)=30 V
0.05
V
-IG2_H
Gate 2 high state
output current
PWM_L = High;
VGS_M2 =6 V
(1); C
GS_M2 =1 nF;
V(ISENSE+)=30 V
200
µA
IG2_L
Gate 2 low state
output current
PWM_L = Low; VGS_M2 =6 V
(2);
CGS_M2 =1 nF;
V(ISENSE+)=30 V
200
µA
1.
IG2_H current is measured when the voltage across gate and source of Mosfet M2 (VGS_M2) reaches a value of 6 V during
its rising transient.
2.
IG2_L current is measured when the voltage across gate and source of Mosfet M2 (VGS_M2) reaches a value of 6 V during
its falling transient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com