Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD01 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 50Page - STMicroelectronics L99LD01 Datasheet HTML 51Page - STMicroelectronics L99LD01 Datasheet HTML 52Page - STMicroelectronics L99LD01 Datasheet HTML 53Page - STMicroelectronics L99LD01 Datasheet HTML 54Page - STMicroelectronics L99LD01 Datasheet HTML 55Page - STMicroelectronics L99LD01 Datasheet HTML 56Page - STMicroelectronics L99LD01 Datasheet HTML 57Page - STMicroelectronics L99LD01 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 69 page
background image
SPI electrical characteristics
L99LD01
54/69
DocID025319 Rev 3
6
SPI electrical characteristics
6.1
DC characteristics
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V
≤ V
S ≤ 24 V; all outputs open; Tj = -40 °C to 150 °C, unless otherwise
specified.
6.2
AC characteristics
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V
≤ V
S ≤ 24 V; all outputs open; Tj = -40 °C to 150 °C, unless otherwise
specified.
Table 32. SPI DC characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Inputs: CSN, CLK, DI
VIL
Input voltage low level
VS =13.5V
0.3
VC5V
V
VIH
Input voltage high level
VS =13.5V
0.7
VC5V
V
VIHYS
Input hysteresis
VS = 13.5 V
500
mV
ICSN in
CSN pull-up current source
VS = 13.5 V
10
18
25
µA
ICLK in
CLK pull-down current source
VS = 13.5 V
20
25
35
µA
IDI in
DI pull-down current source
VS = 13.5 V
20
25
35
µA
Output: DO
VOL
Output voltage low level
IOL =5 mA;
VS =13.5V
0.3
VC5V
V
VOH
Output voltage high level
IOH =-5 mA;
VS =13.5V
0.7
VC5V
V
Table 33. SPI AC characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
COUT
(1)
1.
Value of input capacity is not measured in production test. Parameter guaranteed by design.
Output capacitance (DO)
—
—
10
pF
CIN
(1)
Input capacitance (DI, CSN, CLK)
—
—
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com