Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 106 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 106 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 102Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 103Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 104Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 105Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 106Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 107Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 108Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 109Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 110Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 437 page
background image
Peripherals
6.4.9.11 MICSTATUS
Address offset: 0x400
MIC check result
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
MICSTATUS
The result of the MIC check performed during the previous
decryption operation
CheckFailed
0
MIC check failed
CheckPassed
1
MIC check passed
6.4.9.12 ENABLE
Address offset: 0x500
Enable
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW ENABLE
Enable or disable CCM
Disabled
0
Disable
Enabled
2
Enable
6.4.9.13 MODE
Address offset: 0x504
Operation mode
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C
B B
A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
ID
Access
Field
Value ID
Value
Description
A
RW MODE
The mode of operation to be used. The settings in this
register apply whenever either the KSGEN or CRYPT tasks
are triggered.
Encryption
0
AES CCM packet encryption mode
Decryption
1
AES CCM packet decryption mode
B
RW DATARATE
Radio data rate that the CCM shall run synchronous with
1Mbit
0
1 Mbps
2Mbit
1
2 Mbps
125Kbps
2
125 Kbps
500Kbps
3
500 Kbps
C
RW LENGTH
Packet length configuration
Default
0
Default length. Effective length of LENGTH field in
encrypted/decrypted packet is 5 bits. A keystream for
packet payloads up to 27 bytes will be generated.
4463_156 v1.0
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com