Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 109 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 109 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 105Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 106Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 107Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 108Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 109Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 110Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 111Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 112Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 113Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 437 page
background image
Peripherals
6.4.10 Electrical specification
6.4.10.1 Timing specification
Symbol
Description
Min.
Typ.
Max.
Units
tkgen
Time needed for keystream generation (given priority access
to destination RAM block).
50
µs
6.5 COMP — Comparator
The comparator (COMP) compares an input voltage (VIN+) against a second input voltage (VIN-). VIN+ can
be derived either from an analog input pin (AIN0-AIN6) or VDDH/5. VIN- can be derived from multiple
sources depending on the operation mode of the comparator.
Main features of the comparator are:
• Input range from 0 V to VDD
• Single-ended mode
• Fully flexible hysteresis using a 64-level reference ladder
• Differential mode
• Configurable hysteresis
• Reference inputs (VREF):
• VDD
• External reference from AIN0 to AIN7 (between 0 V and VDD)
• Internal references 1.2 V, 1.8 V, and 2.4 V
• Three speed/power consumption modes: low-power, normal, and high-speed
• Event generation on output changes
• UP event on VIN- > VIN+
• DOWN event on VIN- < VIN+
• CROSS event on VIN+ and VIN- crossing
• READY event on core and internal reference (if used) ready
4463_156 v1.0
109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com