Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 111 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 111 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 107Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 108Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 109Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 110Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 111Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 112Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 113Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 114Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 115Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 437 page
background image
Peripherals
6.5.1 Differential mode
In differential mode, the reference input VIN- is derived directly from one of the AINx pins.
Before enabling the comparator via the ENABLE register, the following registers must be configured for the
differential mode:
• PSEL
• MODE
• EXTREFSEL
Comparator
core
MODE
MUX
VIN+
PSEL
EXTREFSEL
RESULT
+
-
Output
0 = BELOW (VIN+ < VIN-)
1 = ABOVE (VIN+ > VIN-)
MUX
VIN-
Figure 37: Comparator in differential mode
Note: Depending on the device, not all the analog inputs may be available for each MUX. See
definitions for PSEL and EXTREFSEL for more information about which analog pins are available on a
particular device.
When the HYST register is turned on during this mode, the output of the comparator and associated
events do the following:
• Change from ABOVE to BELOW when VIN+ drops below VIN- - (VDIFFHYST/2)
• Change from BELOW to ABOVE when VIN+ raises above VIN- + (VDIFFHYST/2)
This behavior is illustrated in the following figure.
VIN+
t
BELOW
(VIN+ < (VIN- - VDIFFHYST /2))
ABOVE
(VIN+ > (VIN- + VDIFFHYST /2))
BELOW
ABOVE
(VIN+ > (VIN- + VDIFFHYST /2))
VIN- - (VDIFFHYST / 2)
VIN- + (VDIFFHYST / 2)
Output
Figure 38: Hysteresis enabled in differential mode
4463_156 v1.0
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com