Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 108 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 108 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 104Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 105Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 106Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 107Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 108Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 109Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 110Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 111Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 112Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW SCRATCHPTR
Pointer to a scratch data area used for temporary storage
during keystream generation, MIC generation and
encryption/decryption.
The scratch area is used for temporary storage of data
during keystream generation and encryption.
When MODE.LENGTH = Default, a space of 43 bytes
is required for this temporary storage. MODE.LENGTH
= Extended (16 + MAXPACKETSIZE) bytes of storage is
required.
6.4.9.18 MAXPACKETSIZE
Address offset: 0x518
Length of keystream generated when MODE.LENGTH = Extended.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x000000FB
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 0 1 1
ID
Access
Field
Value ID
Value
Description
A
RW MAXPACKETSIZE
[0x001B..0x00FB]
Length of keystream generated when MODE.LENGTH
= Extended. This value must be greater or equal to the
subsequent packet payload to be encrypted/decrypted.
6.4.9.19 RATEOVERRIDE
Address offset: 0x51C
Data rate override setting.
Override value to be used instead of the setting of MODE.DATARATE. This override value applies when the
RATEOVERRIDE task is triggered.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW RATEOVERRIDE
Data rate override setting.
1Mbit
0
1 Mbps
2Mbit
1
2 Mbps
125Kbps
2
125 Kbps
500Kbps
3
500 Kbps
4463_156 v1.0
108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com