Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 121 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 121 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 117Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 118Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 119Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 120Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 121Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 122Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 123Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 124Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 125Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 437 page
background image
Peripherals
AES ECB operates with EasyDMA access to system Data RAM for in-place operations on cleartext
and ciphertext during encryption. ECB uses the same AES core as the CCM and AAR blocks, and is an
asynchronous operation which may not complete if the AES core is busy.
AES ECB features:
• 128 bit AES encryption
• Supports standard AES ECB block encryption
• Memory pointer support
• DMA data transfer
AES ECB performs a 128 bit AES block encrypt. At the STARTECB task, data and key is loaded into the
algorithm by EasyDMA. When output data has been written back to memory, the ENDECB event is
triggered.
AES ECB can be stopped by triggering the STOPECB task.
6.6.1 Shared resources
The ECB, CCM, and AAR share the same AES module. The ECB will always have lowest priority, and if there
is a sharing conflict during encryption, the ECB operation will be aborted and an ERRORECB event will be
generated.
6.6.2 EasyDMA
The ECB implements an EasyDMA mechanism for reading and writing to the Data RAM. This DMA cannot
access the program memory or any other parts of the memory area except RAM.
If the ECBDATAPTR is not pointing to the Data RAM region, an EasyDMA transfer may result in a HardFault
or RAM corruption. See Memory on page 15 for more information about the different memory regions.
The EasyDMA will have finished accessing the Data RAM when the ENDECB or ERRORECB is generated.
6.6.3 ECB data structure
Block encrypt input and output is stored in the same data structure. ECBDATAPTR should point to this data
structure before STARTECB is initiated.
Property
Address offset
Description
KEY
0
16 byte AES key
CLEARTEXT
16
16 byte AES cleartext input block
CIPHERTEXT
32
16 byte AES ciphertext output block
Table 34: ECB data structure overview
6.6.4 Registers
Base address
Peripheral
Instance
Description
Configuration
0x4000E000
ECB
ECB
AES electronic code book (ECB) mode
block encryption
Table 35: Instances
4463_156 v1.0
121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com