Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 125 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 125 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 121Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 122Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 123Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 124Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 125Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 126Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 127Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 128Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 129Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 437 page
background image
Peripherals
6.7.1 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40014000
EGU
EGU0
Event generator unit 0
0x40015000
EGU
EGU1
Event generator unit 1
0x40016000
EGU
EGU2
Event generator unit 2
0x40017000
EGU
EGU3
Event generator unit 3
0x40018000
EGU
EGU4
Event generator unit 4
0x40019000
EGU
EGU5
Event generator unit 5
Table 37: Instances
Register
Offset
Description
TASKS_TRIGGER[0]
0x000
Trigger 0 for triggering the corresponding TRIGGERED[0] event
TASKS_TRIGGER[1]
0x004
Trigger 1 for triggering the corresponding TRIGGERED[1] event
TASKS_TRIGGER[2]
0x008
Trigger 2 for triggering the corresponding TRIGGERED[2] event
TASKS_TRIGGER[3]
0x00C
Trigger 3 for triggering the corresponding TRIGGERED[3] event
TASKS_TRIGGER[4]
0x010
Trigger 4 for triggering the corresponding TRIGGERED[4] event
TASKS_TRIGGER[5]
0x014
Trigger 5 for triggering the corresponding TRIGGERED[5] event
TASKS_TRIGGER[6]
0x018
Trigger 6 for triggering the corresponding TRIGGERED[6] event
TASKS_TRIGGER[7]
0x01C
Trigger 7 for triggering the corresponding TRIGGERED[7] event
TASKS_TRIGGER[8]
0x020
Trigger 8 for triggering the corresponding TRIGGERED[8] event
TASKS_TRIGGER[9]
0x024
Trigger 9 for triggering the corresponding TRIGGERED[9] event
TASKS_TRIGGER[10]
0x028
Trigger 10 for triggering the corresponding TRIGGERED[10] event
TASKS_TRIGGER[11]
0x02C
Trigger 11 for triggering the corresponding TRIGGERED[11] event
TASKS_TRIGGER[12]
0x030
Trigger 12 for triggering the corresponding TRIGGERED[12] event
TASKS_TRIGGER[13]
0x034
Trigger 13 for triggering the corresponding TRIGGERED[13] event
TASKS_TRIGGER[14]
0x038
Trigger 14 for triggering the corresponding TRIGGERED[14] event
TASKS_TRIGGER[15]
0x03C
Trigger 15 for triggering the corresponding TRIGGERED[15] event
EVENTS_TRIGGERED[0]
0x100
Event number 0 generated by triggering the corresponding TRIGGER[0] task
EVENTS_TRIGGERED[1]
0x104
Event number 1 generated by triggering the corresponding TRIGGER[1] task
EVENTS_TRIGGERED[2]
0x108
Event number 2 generated by triggering the corresponding TRIGGER[2] task
EVENTS_TRIGGERED[3]
0x10C
Event number 3 generated by triggering the corresponding TRIGGER[3] task
EVENTS_TRIGGERED[4]
0x110
Event number 4 generated by triggering the corresponding TRIGGER[4] task
EVENTS_TRIGGERED[5]
0x114
Event number 5 generated by triggering the corresponding TRIGGER[5] task
EVENTS_TRIGGERED[6]
0x118
Event number 6 generated by triggering the corresponding TRIGGER[6] task
EVENTS_TRIGGERED[7]
0x11C
Event number 7 generated by triggering the corresponding TRIGGER[7] task
EVENTS_TRIGGERED[8]
0x120
Event number 8 generated by triggering the corresponding TRIGGER[8] task
EVENTS_TRIGGERED[9]
0x124
Event number 9 generated by triggering the corresponding TRIGGER[9] task
EVENTS_TRIGGERED[10]
0x128
Event number 10 generated by triggering the corresponding TRIGGER[10] task
EVENTS_TRIGGERED[11]
0x12C
Event number 11 generated by triggering the corresponding TRIGGER[11] task
EVENTS_TRIGGERED[12]
0x130
Event number 12 generated by triggering the corresponding TRIGGER[12] task
EVENTS_TRIGGERED[13]
0x134
Event number 13 generated by triggering the corresponding TRIGGER[13] task
EVENTS_TRIGGERED[14]
0x138
Event number 14 generated by triggering the corresponding TRIGGER[14] task
EVENTS_TRIGGERED[15]
0x13C
Event number 15 generated by triggering the corresponding TRIGGER[15] task
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
Table 38: Register overview
6.7.1.1 TASKS_TRIGGER[n] (n=0..15)
Address offset: 0x000 + (n × 0x4)
4463_156 v1.0
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com