Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 128 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 128 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 124Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 125Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 126Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 127Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 128Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 129Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 130Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 131Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 132Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 437 page
background image
Peripherals
• Analog input (for selected pins)
The PIN_CNF registers are retained registers. See POWER — Power supply on page 49 for more
information about retained registers.
6.8.1 Pin configuration
Pins can be individually configured through the SENSE field in the PIN_CNF[n] register to detect either a
high or low level input.
When the correct level is detected on a configured pin, the sense mechanism will set the DETECT signal
high. Each pin has a separate DETECT signal. Default behavior, defined by the DETECTMODE register,
combines all DETECT signals from the pins in the GPIO port into one common DETECT signal and routes it
through the system to be utilized by other peripherals. This mechanism is functional in both System ON
and System OFF mode. See GPIO port and the GPIO pin details on page 128.
The following figure illustrates the GPIO port containing 32 individual pins, where
PIN0 is shown in more
detail for reference. All signals on the left side of the illustration are used by other peripherals in the
system and therefore not directly available to the CPU.
GPIO port
PIN31
PIN0
PIN31
PIN[31].CNF
PIN[31].IN
PIN[31].OUT
PIN0
PIN[0].CNF
PIN[0].IN
PIN[0].OUT
..
PIN0
PIN[0].OUT
PIN[0].IN
IN
Sense
OUT_OVERRIDE
DIR_OVERRIDE
PIN0.DETECT
OUT
O
I
O: output buffer
I: input buffer
PIN[0].CNF.INPUT
PIN[0].CNF.PULL
PIN[0].CNF.DRIVE
PIN[0].CNF.SENSE
PIN[0].CNF.DIR
INPUT_OVERRIDE
ANAIN
ANAEN
PIN1.DETECT
PIN31.DETECT
LATCH
LDETECT
DETECT
DETECTMODE
Figure 42: GPIO port and the GPIO pin details
Pins should be in a level that cannot trigger the sense mechanism before being enabled. If the SENSE
condition configured in the PIN_CNF registers is met when the sense mechanism is enabled, the DETECT
signal will immediately go high. A PORT event is triggered if the DETECT signal was low before enabling the
sense mechanism. See GPIOTE — GPIO tasks and events on page 135.
See the following peripherals for more information about how the DETECT signal is used:
• POWER — Power supply on page 49 - uses the DETECT signal to exit from System OFF mode.
• GPIOTE — GPIO tasks and events on page 135 - uses the DETECT signal to generate the PORT event.
When a pin's PINx.DETECT signal goes high, a flag is set in the LATCH register. For example, when the
PIN0.DETECT signal goes high, bit 0 in the LATCH register is set to
1. If the CPU performs a clear operation
on a bit in the LATCH register when the associated PINx.DETECT signal is high, the bit in the LATCH register
will not be cleared. The LATCH register will only be cleared if the CPU explicitly clears it by writing a
1 to
the bit that shall be cleared, i.e. the LATCH register will not be affected by a PINx.DETECT signal being set
low.
The LDETECT signal will be set high when one or more bits in the LATCH register are
1. The LDETECT signal
will be set low when all bits in the LATCH register are successfully cleared to
0.
If one or more bits in the LATCH register are
1 after the CPU has performed a clear operation on the LATCH
register, a rising edge will be generated on the LDETECT signal. This is illustrated in DETECT signal behavior
on page 129.
4463_156 v1.0
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com