Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 130 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 130 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 126Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 127Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 128Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 129Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 130Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 131Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 132Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 133Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 134Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 437 page
background image
Peripherals
6.8.2 Registers
Base address
Peripheral
Instance
Description
Configuration
0x50000000
GPIO
GPIO
General purpose input and output
Deprecated
0x50000000
GPIO
P0
General purpose input and output, port
0.
P0.00 - P0.08, P0.14 - P0.18, P0.20, and
P0.28 - P0.30 implemented
Table 39: Instances
Register
Offset
Description
OUT
0x504
Write GPIO port
OUTSET
0x508
Set individual bits in GPIO port
OUTCLR
0x50C
Clear individual bits in GPIO port
IN
0x510
Read GPIO port
DIR
0x514
Direction of GPIO pins
DIRSET
0x518
DIR set register
DIRCLR
0x51C
DIR clear register
LATCH
0x520
Latch register indicating what GPIO pins that have met the criteria set in the PIN_CNF[n].SENSE
registers
DETECTMODE
0x524
Select between default DETECT signal behavior and LDETECT mode
PIN_CNF[0]
0x700
Configuration of GPIO pins
PIN_CNF[1]
0x704
Configuration of GPIO pins
PIN_CNF[2]
0x708
Configuration of GPIO pins
PIN_CNF[3]
0x70C
Configuration of GPIO pins
PIN_CNF[4]
0x710
Configuration of GPIO pins
PIN_CNF[5]
0x714
Configuration of GPIO pins
PIN_CNF[6]
0x718
Configuration of GPIO pins
PIN_CNF[7]
0x71C
Configuration of GPIO pins
PIN_CNF[8]
0x720
Configuration of GPIO pins
PIN_CNF[9]
0x724
Configuration of GPIO pins
PIN_CNF[10]
0x728
Configuration of GPIO pins
PIN_CNF[11]
0x72C
Configuration of GPIO pins
PIN_CNF[12]
0x730
Configuration of GPIO pins
PIN_CNF[13]
0x734
Configuration of GPIO pins
PIN_CNF[14]
0x738
Configuration of GPIO pins
PIN_CNF[15]
0x73C
Configuration of GPIO pins
PIN_CNF[16]
0x740
Configuration of GPIO pins
PIN_CNF[17]
0x744
Configuration of GPIO pins
PIN_CNF[18]
0x748
Configuration of GPIO pins
PIN_CNF[19]
0x74C
Configuration of GPIO pins
PIN_CNF[20]
0x750
Configuration of GPIO pins
PIN_CNF[21]
0x754
Configuration of GPIO pins
PIN_CNF[22]
0x758
Configuration of GPIO pins
PIN_CNF[23]
0x75C
Configuration of GPIO pins
PIN_CNF[24]
0x760
Configuration of GPIO pins
PIN_CNF[25]
0x764
Configuration of GPIO pins
PIN_CNF[26]
0x768
Configuration of GPIO pins
PIN_CNF[27]
0x76C
Configuration of GPIO pins
PIN_CNF[28]
0x770
Configuration of GPIO pins
PIN_CNF[29]
0x774
Configuration of GPIO pins
PIN_CNF[30]
0x778
Configuration of GPIO pins
4463_156 v1.0
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com