Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 134 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 134 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 130Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 131Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 132Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 133Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 134Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 135Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 136Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 137Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 138Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
E E
D D D
C C B A
Reset 0x00000002
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0
ID
Access
Field
Value ID
Value
Description
C
RW PULL
Pull configuration
Disabled
0
No pull
Pulldown
1
Pull down on pin
Pullup
3
Pull up on pin
D
RW DRIVE
Drive configuration
S0S1
0
Standard '0', standard '1'
H0S1
1
High drive '0', standard '1'
S0H1
2
Standard '0', high drive '1'
H0H1
3
High drive '0', high 'drive '1''
D0S1
4
Disconnect '0' standard '1' (normally used for wired-or
connections)
D0H1
5
Disconnect '0', high drive '1' (normally used for wired-or
connections)
S0D1
6
Standard '0'. disconnect '1' (normally used for wired-and
connections)
H0D1
7
High drive '0', disconnect '1' (normally used for wired-and
connections)
E
RW SENSE
Pin sensing mechanism
Disabled
0
Disabled
High
2
Sense for high level
Low
3
Sense for low level
6.8.3 Electrical specification
6.8.3.1 GPIO Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
VIH
Input high voltage
0.7 x
VDD
VDD
V
VIL
Input low voltage
VSS
0.3 x
VDD
V
VOH,SD
Output high voltage, standard drive, 0.5 mA, VDD ≥ 1.7
VDD - 0.4
VDD
V
VOH,HDH
Output high voltage, high drive, 5 mA, VDD ≥ 2.7 V
VDD - 0.4
VDD
V
VOH,HDL
Output high voltage, high drive, 3 mA, VDD ≥ 1.7 V
VDD - 0.4
VDD
V
VOL,SD
Output low voltage, standard drive, 0.5 mA, VDD ≥ 1.7
VSS
VSS + 0.4 V
VOL,HDH
Output low voltage, high drive, 5 mA, VDD ≥ 2.7 V
VSS
VSS + 0.4 V
VOL,HDL
Output low voltage, high drive, 3 mA, VDD ≥ 1.7 V
VSS
VSS + 0.4 V
IOL,SD
Current at VSS+0.4 V, output set low, standard drive, VDD ≥
1.7
1
2
4
mA
IOL,HDH
Current at VSS+0.4 V, output set low, high drive, VDD ≥ 2.7 V
6
10
15
mA
IOL,HDL
Current at VSS+0.4 V, output set low, high drive, VDD ≥ 1.7 V
3
mA
IOH,SD
Current at VDD-0.4 V, output set high, standard drive, VDD
≥ 1.7
1
2
4
mA
IOH,HDH
Current at VDD-0.4 V, output set high, high drive, VDD ≥ 2.7
V
6
9
14
mA
IOH,HDL
Current at VDD-0.4 V, output set high, high drive, VDD ≥ 1.7
V
3
mA
4463_156 v1.0
134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com