Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 136 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 136 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 132Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 133Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 134Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 135Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 136Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 137Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 138Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 139Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 140Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 437 page
background image
Peripherals
Tasks and events are configured using the CONFIG[n] registers. One CONFIG[n] register is associated with a
set of SET[n], CLR[n], and OUT[n] tasks and IN[n] events.
As long as a SET[n], CLR[n], and OUT[n] task or an IN[n] event is configured to control pin n, the pin's
output value will only be updated by the GPIOTE module. The pin's output value, as specified in the GPIO,
will be ignored as long as the pin is controlled by GPIOTE. Attempting to write to the pin as a normal GPIO
pin will have no effect. When the GPIOTE is disconnected from a pin, the associated pin gets the output
and configuration values specified in the GPIO module, see MODE field in CONFIG[n] register.
When conflicting tasks are triggered simultaneously (i.e. during the same clock cycle) in one channel, the
priority of the tasks is as described in the following table.
Priority
Task
1
OUT
2
CLR
3
SET
Table 42: Task priorities
When setting the CONFIG[n] registers, MODE=Disabled does not have the same effect as MODE=Task and
POLARITY=None. In the latter case, a CLR or SET task occurring at the exact same time as OUT will end up
with no change on the pin, based on the priorities described in the table above.
When a GPIOTE channel is configured to operate on a pin as a task, the initial value of that pin is
configured in the OUTINIT field of CONFIG[n].
6.9.2 Port event
PORT is an event that can be generated from multiple input pins using the GPIO DETECT signal.
The event will be generated on the rising edge of the DETECT signal. See GPIO — General purpose input/
output on page 127 for more information about the DETECT signal.
The GPIO DETECT signal will not wake the system up again if the system is put into System ON IDLE while
the DETECT signal is high. Clear all DETECT sources before entering sleep. If the LATCH register is used as
a source, a new rising edge will be generated on DETECT if any bit in LATCH is still high after clearing all
or part of the register. This could occur if one of the PINx.DETECT signals is still high, for example. See Pin
configuration on page 128 for more information.
Setting the system to System OFF while DETECT is high will cause a wakeup from System OFF reset.
This feature is always enabled even if the peripheral itself appears to be IDLE, meaning no clocks or
other power intensive infrastructure have to be requested to keep this feature enabled. This feature can
therefore be used to wake up the CPU from a WFI or WFE type sleep in System ON when all peripherals
and the CPU are idle, meaning the lowest power consumption in System ON mode.
In order to prevent spurious interrupts from the PORT event while configuring the sources, the following
must be performed:
1. Disable interrupts on the PORT event (through INTENCLR.PORT).
2. Configure the sources (PIN_CNF[n].SENSE).
3. Clear any potential event that could have occurred during configuration (write '0' to EVENTS_PORT).
4. Enable interrupts (through INTENSET.PORT).
6.9.3 Tasks and events pin configuration
Each GPIOTE channel is associated with one physical GPIO pin through the CONFIG.PSEL field.
When Event mode is selected in CONFIG.MODE, the pin specified by CONFIG.PSEL will be configured
as an input, overriding the DIR setting in GPIO. Similarly, when Task mode is selected in CONFIG.MODE,
4463_156 v1.0
136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com