Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 135 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 135 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 131Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 132Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 133Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 134Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 135Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 136Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 137Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 138Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 139Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 437 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
tRF,15pF
Rise/fall time, standard drive mode, 10-90%, 15 pF load12
9
ns
tRF,25pF
Rise/fall time, standard drive mode, 10-90%, 25 pF load12
13
ns
tRF,50pF
Rise/fall time, standard drive mode, 10-90%, 50 pF load12
25
ns
tHRF,15pF
Rise/Fall time, high drive mode, 10-90%, 15 pF load12
4
ns
tHRF,25pF
Rise/Fall time, high drive mode, 10-90%, 25 pF load12
5
ns
tHRF,50pF
Rise/Fall time, high drive mode, 10-90%, 50 pF load12
8
ns
RPU
Pull-up resistance
11
13
16
kΩ
RPD
Pull-down resistance
11
13
16
kΩ
CPAD
Pad capacitance
3
pF
6.9 GPIOTE — GPIO tasks and events
The GPIO tasks and events (GPIOTE) module provides functionality for accessing GPIO pins using tasks and
events. Each GPIOTE channel can be assigned to one pin.
A GPIOTE block enables GPIOs to generate events on pin state change which can be used to carry out tasks
through the PPI system. A GPIO can also be driven to change state on system events using the PPI system.
Tasks and events are briefly introduced in Peripheral interface on page 85, and GPIO is described in
more detail in GPIO — General purpose input/output on page 127.
Low power detection of pin state changes is possible when in System ON or System OFF.
Instance
Number of GPIOTE channels
GPIOTE
8
Table 41: GPIOTE properties
Up to three tasks can be used in each GPIOTE channel for performing write operations to a pin. Two tasks
are fixed (SET and CLR), and one (OUT) is configurable to perform following operations:
• Set
• Clear
• Toggle
An event can be generated in each GPIOTE channel from one of the following input conditions:
• Rising edge
• Falling edge
• Any change
6.9.1 Pin events and tasks
The GPIOTE module has a number of tasks and events that can be configured to operate on individual
GPIO pins.
The tasks SET[n], CLR[n], and OUT[n] can write to individual pins, and events IN[n] can be generated from
input changes of individual pins.
The SET task will set the pin selected in GPIOTE.CONFIG[n].PSEL to high. The CLR task will set the pin low.
The effect of the OUT task on the pin is configurable in CONFIG[n].POLARITY. It can set the pin high, set it
low, or toggle it.
12 Rise and fall times based on simulations
4463_156 v1.0
135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com