Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 124 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 124 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 120Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 121Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 122Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 123Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 124Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 125Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 126Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 127Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 128Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW ENDECB
Write '1' to disable interrupt for event ENDECB
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW ERRORECB
Write '1' to disable interrupt for event ERRORECB
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
6.6.4.7 ECBDATAPTR
Address offset: 0x504
ECB block encrypt memory pointers
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW ECBDATAPTR
Pointer to the ECB data structure (see Table 1 ECB data
structure overview)
6.6.5 Electrical specification
6.6.5.1 ECB Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
tECB
Run time per 16 byte block in all modes
7.2
µs
6.7 EGU — Event generator unit
Event generator unit (EGU) provides support for interlayer signaling. This means providing support for
atomic triggering of both CPU execution and hardware tasks, from both firmware (by CPU) and hardware
(by PPI). This feature can be used for triggering CPU execution at a lower priority execution from a higher
priority execution, or to handle a peripheral's interrupt service routine (ISR) execution at a lower priority
for some of its events. However, triggering any priority from any priority is possible.
Listed here are the main EGU features:
• Software-enabled interrupt triggering
• Separate interrupt vectors for every EGU instance
• Up to 16 separate event flags per interrupt for multiplexing
Each instance of EGU implements a set of tasks which can individually be triggered to generate
the corresponding event. For example, the corresponding event for TASKS_TRIGGER[n] is
EVENTS_TRIGGERED[n]. See Instances on page 125 for a list of EGU instances.
4463_156 v1.0
124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com