Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 188 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 188 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 184Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 185Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 186Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 187Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 188Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 189Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 190Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 191Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 192Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 437 page
background image
Peripherals
Register
Offset
Description
CLEARPATTERN
0x92C
Clear the GPIO pattern array for antenna control
PSEL.DFEGPIO[0]
0x930
Pin select for DFE pin 0
PSEL.DFEGPIO[1]
0x934
Pin select for DFE pin 1
PSEL.DFEGPIO[2]
0x938
Pin select for DFE pin 2
PSEL.DFEGPIO[3]
0x93C
Pin select for DFE pin 3
PSEL.DFEGPIO[4]
0x940
Pin select for DFE pin 4
PSEL.DFEGPIO[5]
0x944
Pin select for DFE pin 5
PSEL.DFEGPIO[6]
0x948
Pin select for DFE pin 6
PSEL.DFEGPIO[7]
0x94C
Pin select for DFE pin 7
DFEPACKET.PTR
0x950
Data pointer
DFEPACKET.MAXCNT
0x954
Maximum number of buffer words to transfer
DFEPACKET.AMOUNT
0x958
Number of samples transferred in the last transaction
POWER
0xFFC
Peripheral power control
Table 63: Register overview
6.12.15.1 TASKS_TXEN
Address offset: 0x000
Enable RADIO in TX mode
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_TXEN
Enable RADIO in TX mode
Trigger
1
Trigger task
6.12.15.2 TASKS_RXEN
Address offset: 0x004
Enable RADIO in RX mode
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_RXEN
Enable RADIO in RX mode
Trigger
1
Trigger task
6.12.15.3 TASKS_START
Address offset: 0x008
Start RADIO
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_START
Start RADIO
Trigger
1
Trigger task
4463_156 v1.0
188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com