Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 184 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 184 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 180Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 181Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 182Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 183Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 184Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 185Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 186Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 187Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 188Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 437 page
background image
Peripherals
PHY protocol data unit (PPDU)
Preamble sequence
SFD
Length
PHY payload
5 octets synchronization header (SHR)
1 octet
(PHR)
Maximum 127 octets (PSDU)
160 µs
32 µs
≤4064 µs
MAC protocol data unit (MPDU)
Length
PHY payload
1 octet
(PHR)
Maximum 127 octets (PSDU)
MAC protocol data unit (MPDU)
On air frame
In RAM frame
LQI
1 octet
FCF
2 octets
Omitted if CRC enabled
Median 3
Figure 74: IEEE 802.15.4 frame in data memory
A shortcut has been added between the FRAMESTART event and the BCSTART task. This can be used to
trigger a BCMATCH event after N bits, such as when inspecting the MAC addressing fields.
6.12.13.8 Interframe spacing (IFS)
The IEEE 802.15.4 standard defines a specific time that is alotted for the MAC sublayer to process received
data. Interframe spacing (IFS) is used to prevent two frames from being transmitted too close together. If
the transmission is requesting an acknowledgement, the space before the second frame shall be at least
one IFS period.
The IFS is determined to be one of the following:
• IFS equals macMinSIFSPeriod (12 symbols) if the MPDU is less than or equal to aMaxSIFSFrameSize (18
octets) octets
• IFS equals macMinLIFSPeriod (40 symbols) if the MPDU is larger than aMaxSIFSFrameSize
Using the efficient assisted modes in the RADIO, the TIFS will be programmed with the correct value based
on the frame being transmitted. If the assisted modes are not in use, the TIFS register must be updated
manually. The following figure provides details on what IFS period is valid in both acknowledged and
unacknowledged transmissions.
4463_156 v1.0
184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com