Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 186 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 186 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 182Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 183Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 184Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 185Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 186Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 187Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 188Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 189Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 190Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 437 page
background image
Peripherals
Note: The PCNF1.MAXLEN field includes the payload and the add-on, but excludes the size
occupied by the S0, LENGTH, and S1 fields. This has to be taken into account when allocating RAM.
If the payload and add-on length is specified larger than PCNF1.MAXLEN, the RADIO will still transmit or
receive in the same way as before, except the payload is now truncated to PCNF1.MAXLEN. The packet's
LENGTH field will not be altered when the payload is truncated. The RADIO will calculate CRC as if the
packet length is equal to PCNF1.MAXLEN.
Note: If PACKETPTR is not pointing to the Data RAM region, an EasyDMA transfer may result in a
HardFault or RAM corruption. See Memory on page 15 for more information about the different
memory regions.
The END event indicates that the last bit has been processed by the RADIO. The DISABLED event is issued
to acknowledge that an DISABLE task is done.
6.12.15 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40001000
RADIO
RADIO
2.4 GHz radio
Table 62: Instances
Register
Offset
Description
TASKS_TXEN
0x000
Enable RADIO in TX mode
TASKS_RXEN
0x004
Enable RADIO in RX mode
TASKS_START
0x008
Start RADIO
TASKS_STOP
0x00C
Stop RADIO
TASKS_DISABLE
0x010
Disable RADIO
TASKS_RSSISTART
0x014
Start the RSSI and take one single sample of the receive signal strength
TASKS_RSSISTOP
0x018
Stop the RSSI measurement
TASKS_BCSTART
0x01C
Start the bit counter
TASKS_BCSTOP
0x020
Stop the bit counter
TASKS_EDSTART
0x024
Start the energy detect measurement used in IEEE 802.15.4 mode
TASKS_EDSTOP
0x028
Stop the energy detect measurement
TASKS_CCASTART
0x02C
Start the clear channel assessment used in IEEE 802.15.4 mode
TASKS_CCASTOP
0x030
Stop the clear channel assessment
EVENTS_READY
0x100
RADIO has ramped up and is ready to be started
EVENTS_ADDRESS
0x104
Address sent or received
EVENTS_PAYLOAD
0x108
Packet payload sent or received
EVENTS_END
0x10C
Packet sent or received
EVENTS_DISABLED
0x110
RADIO has been disabled
EVENTS_DEVMATCH
0x114
A device address match occurred on the last received packet
EVENTS_DEVMISS
0x118
No device address match occurred on the last received packet
EVENTS_RSSIEND
0x11C
Sampling of receive signal strength complete
EVENTS_BCMATCH
0x128
Bit counter reached bit count value
EVENTS_CRCOK
0x130
Packet received with CRC ok
EVENTS_CRCERROR
0x134
Packet received with CRC error
EVENTS_FRAMESTART
0x138
IEEE 802.15.4 length field received
EVENTS_EDEND
0x13C
Sampling of energy detection complete. A new ED sample is ready for readout from the
RADIO.EDSAMPLE register.
EVENTS_EDSTOPPED
0x140
The sampling of energy detection has stopped
EVENTS_CCAIDLE
0x144
Wireless medium in idle - clear to send
EVENTS_CCABUSY
0x148
Wireless medium busy - do not send
4463_156 v1.0
186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com