Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 182 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 182 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 178Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 179Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 180Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 181Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 182Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 183Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 184Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 185Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 186Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 437 page
background image
Peripherals
PAYLOAD
CRC
P
H
R
RXRU
RX
Clear channel
TXRU
TXIDLE
TX
TXIDLE
SHR
TXDISABLE
RXIDLE
Figure 72: IEEE 802.15.4 transmit sequence
The receiver will ramp up and enter the RXIDLE state where the READY event is generated. Upon receiving
the ready event, the CCA is started by triggering the CCASTART task. The chosen mode of assessment
(CCACTRL.CCAMODE register) will be performed and signal the CCAIDLE or CCABUSY event 128 µs later. If
the CCABUSY event is received, the RADIO will have to retry the CCA after a specific back-off period. This is
outlined in the IEEE 802.15.4 standard, Figure 69 in section 7.5.1.4 The CSMA-CA algorithm.
If the CCAIDLE event is generated, a write to the TXEN task register enters the RADIO in TXRU state.
The READY event will be generated when the RADIO is in TXIDLE state and ready to transmit. With the
PACKETPTR pointing to the length (PHR) field of the frame, the START task can be written. The RADIO will
send the four octet preamble sequence followed by the start of frame delimiter (SFD register). The first
byte read from the Data RAM is the length field (PHR) followed by the transmission of the number of
bytes indicated as the frame length. If the CRC module is configured it will run for PHR-2 octets. The last
two octets will be substituted with the results from running the CRC. The necessary CRC parameters are
sampled on the START task. The FCS field of the frame is little endian.
In addition to the already available shortcuts, one is provided between READY event and CCASTART task so
that a CCA can automatically start when the receiver is ready. A second shortcut has been added between
CCAIDLE event and the TXEN task, so that upon detecting a clear channel the RADIO can immediately
enter transmit mode.
6.12.13.7 Receive sequence
The reception is started by first putting the RADIO in receive mode. After writing to the RXEN task, the
RADIO will start ramping up and enter the RXRU state.
When the READY event is generated, the RADIO enters the RXIDLE mode. For the baseband processing to
be enabled, the START task must be written. An outline of the IEEE 802.15.4 reception can be found in the
following figure.
4463_156 v1.0
182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com