Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 178 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 178 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 174Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 175Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 176Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 177Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 178Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 179Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 180Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 181Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 182Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 437 page
background image
Peripherals
The two last octets contain the 16-bit ITU-T CRC. The FCS is calculated over the MAC header (MHR) and
MAC payload (MSDU) parts of the frame. This field is calculated automatically when sending a frame, or
indicated in the CRCSTATUS register when a frame is received. If configured, this feature is taken care of
autonomously by the CRC module.
6.12.13.2 Operating frequencies
The IEEE 802.15.4 standard defines 16 channels, 11 - 26, of 5 MHz each, in the 2450 MHz frequency band.
To choose the correct channel center frequency, the FREQUENCY register must be programmed according
to the table below.
IEEE 802.15.4 channel
Center frequency (MHz)
FREQUENCY setting
Channel 11
2405
5
Channel 12
2410
10
Channel 13
2415
15
Channel 14
2420
20
Channel 15
2425
25
Channel 16
2430
30
Channel 17
2435
35
Channel 18
2440
40
Channel 19
2445
45
Channel 20
2450
50
Channel 21
2455
55
Channel 22
2460
60
Channel 23
2465
65
Channel 24
2470
70
Channel 25
2475
75
Channel 26
2480
80
Table 61: IEEE 802.15.4 center frequency definition
6.12.13.3 Energy detection (ED)
As required by the IEEE 802.15.4 standard, it must be possible to sample the received signal power within
the bandwidth of a channel, for the purpose of determining presence of activity.
To prevent the channel signal from being decoded, the shortcut between the READY event and the
START task should be disabled before putting the RADIO in receive mode. The energy detection (ED)
measurement time, where RSSI samples are averaged, is 8 symbol periods, corresponding to 128 µs. The
standard further specifies the measurement to be a number between 0 and 255, where 0 shall indicate
received power less than 10 dB above the selected receiver sensitivity. The power range of the ED values
must be at least a 40 dB linear mapping with accuracy of ±6 dB. See section 6.9.7 Receiver ED in the IEEE
802.15.4 standard for further details.
The following example shows how to perform a single energy detection measurement and convert to IEEE
802.15.4 scale.
4463_156 v1.0
178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com