Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 174 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 174 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 170Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 171Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 172Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 173Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 174Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 175Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 176Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 177Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 178Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 437 page
background image
Peripherals
6.12.12.5 Receive- and transmit sequences
The addition of the CTE to the transmitted packet is illustrated in the following figure.
TXRU
3
1
2
TXIDLE
A
S0 L S1
PAYLOAD
CRC
P
TX
TXIDLE
TXDISABLE
(carrier)
(carrier)
CTE
Figure 65: Transmit sequence with DFE
The prescence of CTE within a received packet is signalled by the CTEPRESENT event illustrated in the
figure below.
RXRU
3
1
2
RXIDLE
A
S0 L S1
PAYLOAD
CRC
P
RX
RXIDLE
RXDISABLE
’X’
CTE
Figure 66: Receive sequence with DFE
6.12.12.6 Antenna switching
The RADIO can control up to 8 GPIO pins in order to control external antenna switches used in direction
finding.
Pin configuration
The eight antenna selection signals are mapped to physical pins according to the pin numbers specified
in the PSEL.DFEGPIO[n] registers. Only pins that have the PSEL.DFEGPIO[n].CONNECTED field set to
Connected will be controlled by the RADIO. Pins that are Disconnected will be controlled by GPIO.
During transmission in AoD TX mode or reception in AoA RX mode, the RADIO automatically acquires the
pins as needed. At times when the RADIO does not use the pin, the pin is released to its default state and
controlled by the GPIO configuration. Thus, the pin must be configured using the GPIO peripheral.
4463_156 v1.0
174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com