Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 170 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 170 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 166Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 167Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 168Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 169Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 170Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 171Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 172Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 173Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 174Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 437 page
background image
Peripherals
the time needed to switch off the receiver, and then switch the transmitter back on. The TIFS register can
be written any time before the last bit on air is received.
This timing is illustrated in the figure below.
PAYLOAD
CRC
RX
RXDISABLE
TXRU
A
S0 L S1
P
TX
PAYLOAD
TIFS
Change to SHORTS and
TIFS OK
Change to MODE OK
Figure 59: IFS timing detail
The TIFS duration starts after the last bit on air (just before the END event), and elapses with first bit being
transmitted on air (just after READY event).
TIFS is only enforced if the shortcuts END to DISABLE and DISABLED to TXEN or END to DISABLE and
DISABLED to RXEN are enabled.
TIFS is qualified for use in IEEE 802.15.4 250kbps mode, Long Range (125 kbps and 500 kbps) Bluetooth®
Low Energy modes, and 1 Mbps and 2 Mbps Bluetooth® Low Energy modes, using the default ramp-up
mode.
SHORTS and TIFS registers are not double-buffered, and can be updated at any point before the last bit on
air is received. The MODE register is double-buffered and sampled at the TXEN or RXEN task.
6.12.10 Device address match
The device address match feature is tailored for address whitelisting in Bluetooth® low energy and similar
implementations.
This feature enables on-the-fly device address matching while receiving a packet on air. This feature only
works in receive mode and when the RADIO is configured for little endian, see PCNF1.ENDIAN.
The device address match unit assumes that the first 48 bits of the payload are the device address and
that bit number 6 in S0 is the TxAdd bit. See the Bluetooth® Core Specification for more information about
device addresses, TxAdd, and whitelisting.
The RADIO is able to listen for eight different device addresses at the same time. These addresses are
specified in a DAB/DAP register pair, one pair per address, in addition to a TxAdd bit configured in the
DACNF register. The DAB register specifies the 32 least significant bits of the device address, while the DAP
register specifies the 16 most significant bits of the device address.
Each of the device addresses can be individually included or excluded from the matching mechanism. This
is configured in the DACNF register.
4463_156 v1.0
170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com