Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 169 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 169 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 165Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 166Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 167Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 168Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 169Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 170Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 171Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 172Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 173Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 437 page
background image
Peripherals
RXRU
2
1
A
S0 L S1
PAYLOAD
CRC
P
RX
RXDISABLE
’X’
Figure 57: Receive sequence using shortcuts to avoid delays
RADIO is able to receive consecutive packets without having to disable and re-enable RADIO between
packets, as illustrated in the following figure.
RXRU
3
1
A
S0 L S1
PAYLOAD
CRC
P
RX
RXDISABLE
A
S0 L S1
PAYLOAD
CRC
P
RX
2
’X’
’X’
RXIDLE
Figure 58: Reception of multiple packets
6.12.8 Received signal strength indicator (RSSI)
RADIO implements a mechanism for measuring the power in the received signal. This feature is called
received signal strength indicator (RSSI).
The RSSI is measured continuously and the value filtered using a single-pole IIR filter. After a signal level
change, the RSSI will settle after approximately RSSISETTLE.
Sampling of the received signal strength is started by using the RSSISTART task. The sample can be read
from the RSSISAMPLE register.
The sample period of the RSSI is defined by RSSIPERIOD. The RSSISAMPLE will hold the filtered received
signal strength after this sample period.
For the RSSI sample to be valid, the RADIO has to be enabled in receive mode (RXEN task) and the
reception has to be started (READY event followed by START task).
6.12.9 Interframe spacing (IFS)
Interframe spacing (IFS) is defined as the time, in microseconds, between two consecutive packets,
starting from when the end of the last bit of the previous packet is received, to the beginning of the first
bit of the subsequent packet that is transmitted. The RADIO is able to enforce this interval, as specified in
the TIFS register, as long as the TIFS is not specified to be shorter than the RADIO's turnaround time, i.e.
4463_156 v1.0
169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com