Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 165 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 165 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 161Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 162Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 163Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 164Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 165Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 166Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 167Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 168Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 169Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 437 page
background image
Peripherals
6.12.3 Data whitening
The RADIO is able to do packet whitening and de-whitening, enabled in PCNF1.WHITEEN. When enabled,
whitening and de-whitening will be handled by the RADIO automatically as packets are sent and received.
The whitening word is generated using polynomial g(D) = D7+ D4 + 1, which then is XORed with the
data packet that is to be whitened, or de-whitened. The linear feedback shift register is initialized via
DATAWHITEIV. See the following figure.
+
+
Data in
Data out
Position
0
1
2
3
4
5
6
D0
D4
D7
Figure 50: Data whitening and de-whitening
Whitening and de-whitening will be performed over the whole packet except for the preamble and the
address fields.
6.12.4 CRC
The CRC generator in RADIO calculates the CRC over the whole packet excluding the preamble. If desirable,
the address field can be excluded from the CRC calculation as well.
See CRCCNF register for more information.
The CRC polynomial is configurable as illustrated in the following figure, where bit 0 in the CRCPOLY
register corresponds to X0 and bit 1 corresponds to X1 etc. See CRCPOLY on page 210 for more
information.
+
Packet
(Clocked in serially)
+
+
+
+
Xn
bn
b0
Xn-1
X2
X1
X0
Figure 51: CRC generation of an n bit CRC
The figure shows that the CRC is calculated by feeding the packet serially through the CRC generator.
Before the packet is clocked through the CRC generator, the CRC generator's latches b0 through bn will
be initialized with a predefined value specified in the CRCINIT register. After the whole packet has been
clocked through the CRC generator, b0 through bn will hold the resulting CRC. This value will be used by the
RADIO during both transmission and reception. Latches b0 through bn are not available to be read by the
CPU at any time. However, a received CRC can be read by the CPU via the RXCRC register.
The length (n) of the CRC is configurable, see CRCCNF for more information.
Once the entire packet, including the CRC, has been received and no errors were detected, RADIO
generates a CRCOK event. If CRC errors were detected, a CRCERROR event is generated.
The status of the CRC check can be read from the CRCSTATUS register after a packet has been received.
4463_156 v1.0
165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com