Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 164 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 164 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 160Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 161Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 162Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 163Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 164Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 165Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 166Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 167Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 168Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 437 page
background image
Peripherals
• For MODE = Ble_2Mbit, the PREAMBLE must be set to 2 bytes through PCNF0.PLEN. If the first bit of
the ADDRESS is 0, the preamble will be set to 0xAAAA. Otherwise the PREAMBLE will be set to 0x5555.
• For MODE = Ble_LR125Kbit and MODE = Ble_LR500Kbit, the PREAMBLE is 10 repetitions of 0x3C.
• For MODE = Ieee802154_250Kbit, the PREAMBLE is 4 bytes and set to all zeros.
Radio packets are stored in memory inside instances of a RADIO packet data structure as illustrated below.
The PREAMBLE, ADDRESS, CI, TERM1, TERM2, and CRC fields are omitted in this data structure. Fields S0,
LENGTH, and S1 are optional.
S0
LENGTH
S1
PAYLOAD
0
n
LSByte
Figure 49: Representation of a RADIO packet in RAM
The byte ordering on air is always least significant byte first for the ADDRESS and PAYLOAD fields, and
most significant byte first for the CRC field. The ADDRESS fields are always transmitted and received
least significant bit first. The CRC field is always transmitted and received most significant bit first. The
endianness, i.e. the order in which the bits are sent and received, of the S0, LENGTH, S1, and PAYLOAD
fields can be configured via PCNF1.ENDIAN.
The sizes of the S0, LENGTH, and S1 fields can be individually configured via S0LEN, LFLEN, and S1LEN in
PCNF0 respectively. If any of these fields are configured to be less than 8 bits, the least significant bits of
the fields are used.
If S0, LENGTH, or S1 are specified with zero length, their fields will be omitted in memory. Otherwise each
field will be represented as a separate byte, regardless of the number of bits in their on-air counterpart.
Independent of the configuration of PCNF1.MAXLEN, the combined length of S0, LENGTH, S1, and
PAYLOAD cannot exceed 258 bytes.
6.12.2 Address configuration
The on-air radio ADDRESS field is composed of two parts, the base address field and the address prefix
field.
The size of the base address field is configurable via PCNF1.BALEN. The base address is truncated from the
least significant byte if the PCNF1.BALEN is less than 4. See Definition of logical addresses on page 164.
The on-air addresses are defined in the BASE0/BASE1 and PREFIX0/PREFIX1 registers. It is only when
writing these registers that the user must relate to the actual on-air addresses. For other radio address
registers, such as the TXADDRESS, RXADDRESSES, and RXMATCH registers, logical radio addresses ranging
from 0 to 7 are being used. The relationship between the on-air radio addresses and the logical addresses
is described in the following table.
Logical address
Base address
Prefix byte
0
BASE0
PREFIX0.AP0
1
BASE1
PREFIX0.AP1
2
BASE1
PREFIX0.AP2
3
BASE1
PREFIX0.AP3
4
BASE1
PREFIX1.AP4
5
BASE1
PREFIX1.AP5
6
BASE1
PREFIX1.AP6
7
BASE1
PREFIX1.AP7
Table 53: Definition of logical addresses
4463_156 v1.0
164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com