Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 161 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 161 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 157Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 158Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 159Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 160Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 161Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 162Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 163Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 164Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 165Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 437 page
background image
Peripherals
6.11.7.24 DBFEN
Address offset: 0x528
Enable input debounce filters
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW DBFEN
Enable input debounce filters
Disabled
0
Debounce input filters disabled
Enabled
1
Debounce input filters enabled
6.11.7.25 LEDPRE
Address offset: 0x540
Time period the LED is switched ON prior to sampling
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A
Reset 0x00000010
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW LEDPRE
[1..511]
Period in µs the LED is switched on prior to sampling
6.11.7.26 ACCDBL
Address offset: 0x544
Register accumulating the number of detected double transitions
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
ACCDBL
[0..15]
Register accumulating the number of detected double or
illegal transitions. ( SAMPLE = 2 ).
When this register has reached its maximum value, the
accumulation of double/illegal transitions will stop. An
overflow event (ACCOF) will be generated if any double
or illegal transitions are detected after the maximum
value was reached. This field is cleared by triggering the
READCLRACC or RDCLRDBL task.
6.11.7.27 ACCDBLREAD
Address offset: 0x548
Snapshot of the ACCDBL, updated by the READCLRACC or RDCLRDBL task
4463_156 v1.0
161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com