Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 157 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 157 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 153Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 154Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 155Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 156Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 157Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 158Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 159Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 160Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 161Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW SAMPLERDY
Write '1' to disable interrupt for event SAMPLERDY
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW REPORTRDY
Write '1' to disable interrupt for event REPORTRDY
Event generated when REPORTPER number of samples has
been accumulated in the ACC register and the content of
the ACC register is not equal to 0. (Thus, this event is only
generated if a motion is detected since the previous clearing
of the ACC register).
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
C
RW ACCOF
Write '1' to disable interrupt for event ACCOF
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
D
RW DBLRDY
Write '1' to disable interrupt for event DBLRDY
Event generated when REPORTPER number of samples has
been accumulated and the content of the ACCDBL register
is not equal to 0. (Thus, this event is only generated if a
double transition is detected since the previous clearing of
the ACCDBL register).
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
E
RW STOPPED
Write '1' to disable interrupt for event STOPPED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
6.11.7.14 ENABLE
Address offset: 0x500
Enable the quadrature decoder
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW ENABLE
Enable or disable the quadrature decoder
When enabled the decoder pins will be active. When
disabled the quadrature decoder pins are not active and can
be used as GPIO .
Disabled
0
Disable
Enabled
1
Enable
4463_156 v1.0
157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com