Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 158 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 158 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 154Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 155Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 156Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 157Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 158Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 159Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 160Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 161Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 162Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 437 page
background image
Peripherals
6.11.7.15 LEDPOL
Address offset: 0x504
LED output pin polarity
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW LEDPOL
LED output pin polarity
ActiveLow
0
Led active on output pin low
ActiveHigh
1
Led active on output pin high
6.11.7.16 SAMPLEPER
Address offset: 0x508
Sample period
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW SAMPLEPER
Sample period. The SAMPLE register will be updated for
every new sample
128us
0
128 µs
256us
1
256 µs
512us
2
512 µs
1024us
3
1024 µs
2048us
4
2048 µs
4096us
5
4096 µs
8192us
6
8192 µs
16384us
7
16384 µs
32ms
8
32768 µs
65ms
9
65536 µs
131ms
10
131072 µs
6.11.7.17 SAMPLE
Address offset: 0x50C
Motion sample value
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
SAMPLE
[-1..2]
Last motion sample
The value is a 2's complement value, and the sign gives the
direction of the motion. The value '2' indicates a double
transition.
4463_156 v1.0
158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com