Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 154 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 154 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 150Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 151Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 152Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 153Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 154Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 155Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 156Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 157Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 158Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_SAMPLERDY
Event being generated for every new sample value written
to the SAMPLE register
NotGenerated
0
Event not generated
Generated
1
Event generated
6.11.7.7 EVENTS_REPORTRDY
Address offset: 0x104
Non-null report ready
Event generated when REPORTPER number of samples has been accumulated in the ACC register and the
content of the ACC register is not equal to 0. (Thus, this event is only generated if a motion is detected
since the previous clearing of the ACC register).
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_REPORTRDY
Non-null report ready
Event generated when REPORTPER number of samples has
been accumulated in the ACC register and the content of
the ACC register is not equal to 0. (Thus, this event is only
generated if a motion is detected since the previous clearing
of the ACC register).
NotGenerated
0
Event not generated
Generated
1
Event generated
6.11.7.8 EVENTS_ACCOF
Address offset: 0x108
ACC or ACCDBL register overflow
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_ACCOF
ACC or ACCDBL register overflow
NotGenerated
0
Event not generated
Generated
1
Event generated
6.11.7.9 EVENTS_DBLRDY
Address offset: 0x10C
Double displacement(s) detected
Event generated when REPORTPER number of samples has been accumulated and the content of the
ACCDBL register is not equal to 0. (Thus, this event is only generated if a double transition is detected
since the previous clearing of the ACCDBL register).
4463_156 v1.0
154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com