Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 151 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 151 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 147Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 148Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 149Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 150Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 151Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 152Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 153Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 154Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 155Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 437 page
background image
Peripherals
6.11.6 Pin configuration
The Phase A, Phase B, and LED signals are mapped to physical pins according to the configuration specified
in the PSEL.A, PSEL.B, and PSEL.LED registers respectively.
If the CONNECT field value 'Disconnected' is specified in any of these registers, the associated signal will
not be connected to any physical pin. The PSEL.A, PSEL.B, and PSEL.LED registers and their configurations
are only used as long as the QDEC is enabled, and retained only as long as the device is in ON mode.
When the peripheral is disabled, the pins will behave as regular GPIOs, and use the configuration in their
respective OUT bit field and PIN_CNF[n] register.
To secure correct behavior in the QDEC, the pins used by the QDEC must be configured in the GPIO
peripheral as described in GPIO configuration before enabling peripheral on page 151 before enabling
the QDEC. This configuration must be retained in the GPIO for the selected I/Os as long as the QDEC is
enabled.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
QDEC signal
QDEC pin
Direction
Output value
Comment
Phase A
As specified in PSEL.A
Input
Not applicable
Phase B
As specified in PSEL.B
Input
Not applicable
LED
As specified in PSEL.LED
Input
Not applicable
Table 50: GPIO configuration before enabling peripheral
6.11.7 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40012000
QDEC
QDEC
Quadrature decoder
Table 51: Instances
Register
Offset
Description
TASKS_START
0x000
Task starting the quadrature decoder
TASKS_STOP
0x004
Task stopping the quadrature decoder
TASKS_READCLRACC
0x008
Read and clear ACC and ACCDBL
TASKS_RDCLRACC
0x00C
Read and clear ACC
TASKS_RDCLRDBL
0x010
Read and clear ACCDBL
EVENTS_SAMPLERDY
0x100
Event being generated for every new sample value written to the SAMPLE register
EVENTS_REPORTRDY
0x104
Non-null report ready
EVENTS_ACCOF
0x108
ACC or ACCDBL register overflow
EVENTS_DBLRDY
0x10C
Double displacement(s) detected
EVENTS_STOPPED
0x110
QDEC has been stopped
SHORTS
0x200
Shortcuts between local events and tasks
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ENABLE
0x500
Enable the quadrature decoder
LEDPOL
0x504
LED output pin polarity
SAMPLEPER
0x508
Sample period
SAMPLE
0x50C
Motion sample value
REPORTPER
0x510
Number of samples to be taken before REPORTRDY and DBLRDY events can be generated
ACC
0x514
Register accumulating the valid transitions
ACCREAD
0x518
Snapshot of the ACC register, updated by the READCLRACC or RDCLRACC task
PSEL.LED
0x51C
Pin select for LED signal
4463_156 v1.0
151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com