Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 149 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 149 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 145Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 146Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 147Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 148Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 149Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 150Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 151Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 152Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 153Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 437 page
background image
Peripherals
If the SAMPLEPER value needs to be changed, the QDEC shall be stopped using the STOP task. SAMPLEPER
can be then changed upon receiving the STOPPED event, and QDEC can be restarted using the START task.
Failing to do so may result in unpredictable behavior.
It is good practice to only change registers LEDPOL, REPORTPER, DBFEN, and LEDPRE when the QDEC is
stopped.
When started, the decoder continuously samples the two input waveforms and decodes these by
comparing the current sample pair (n) with the previous sample pair (n-1).
The decoding of the sample pairs is described in the table below.
Previous
sample pair(n
- 1)
Current
samples
pair(n)
SAMPLE
register
ACC operation ACCDBL
operation
Description
A
B
A
B
0
0
0
0
0
No change
No change
No movement
0
0
0
1
1
Increment
No change
Movement in positive direction
0
0
1
0
-1
Decrement
No change
Movement in negative direction
0
0
1
1
2
No change
Increment
Error: Double transition
0
1
0
0
-1
Decrement
No change
Movement in negative direction
0
1
0
1
0
No change
No change
No movement
0
1
1
0
2
No change
Increment
Error: Double transition
0
1
1
1
1
Increment
No change
Movement in positive direction
1
0
0
0
1
Increment
No change
Movement in positive direction
1
0
0
1
2
No change
Increment
Error: Double transition
1
0
1
0
0
No change
No change
No movement
1
0
1
1
-1
Decrement
No change
Movement in negative direction
1
1
0
0
2
No change
Increment
Error: Double transition
1
1
0
1
-1
Decrement
No change
Movement in negative direction
1
1
1
0
1
Increment
No change
Movement in positive direction
1
1
1
1
0
No change
No change
No movement
Table 49: Sampled value encoding
6.11.2 LED output
The LED output follows the sample period. The LED is switched on for a set period before sampling and
then switched off immediately after. The period the LED is switched on before sampling is given in the
LEDPRE register.
The LED output pin polarity is specified in the LEDPOL register.
When using off-chip mechanical encoders not requiring an LED, the LED output can be disabled by writing
value 'Disconnected' to the CONNECT field of the PSEL.LED register. In this case, the QDEC will not acquire
access to a pin for the LED output.
6.11.3 Debounce filters
Each of the two-phase inputs have digital debounce filters.
When enabled through the DBFEN register, the filter inputs are sampled at a fixed 1 MHz frequency during
the entire sample period (which is specified in the SAMPLEPER register). The filters require all of the
samples within this sample period to equal before the input signal is accepted and transferred to the
output of the filter.
As a result, only input signal with a steady state longer than twice the period specified in SAMPLEPER are
guaranteed to pass through the filter. Any signal with a steady state shorter than SAMPLEPER will always
4463_156 v1.0
149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com