Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 152 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 152 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 148Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 149Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 150Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 151Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 152Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 153Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 154Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 155Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 156Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 437 page
background image
Peripherals
Register
Offset
Description
PSEL.A
0x520
Pin select for A signal
PSEL.B
0x524
Pin select for B signal
DBFEN
0x528
Enable input debounce filters
LEDPRE
0x540
Time period the LED is switched ON prior to sampling
ACCDBL
0x544
Register accumulating the number of detected double transitions
ACCDBLREAD
0x548
Snapshot of the ACCDBL, updated by the READCLRACC or RDCLRDBL task
Table 52: Register overview
6.11.7.1 TASKS_START
Address offset: 0x000
Task starting the quadrature decoder
When started, the SAMPLE register will be continuously updated at the rate given in the SAMPLEPER
register.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_START
Task starting the quadrature decoder
When started, the SAMPLE register will be continuously
updated at the rate given in the SAMPLEPER register.
Trigger
1
Trigger task
6.11.7.2 TASKS_STOP
Address offset: 0x004
Task stopping the quadrature decoder
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_STOP
Task stopping the quadrature decoder
Trigger
1
Trigger task
6.11.7.3 TASKS_READCLRACC
Address offset: 0x008
Read and clear ACC and ACCDBL
Task transferring the content of ACC to ACCREAD and the content of ACCDBL to ACCDBLREAD, and then
clearing the ACC and ACCDBL registers. These read-and-clear operations will be done atomically.
4463_156 v1.0
152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com