Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 150 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 150 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 146Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 147Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 148Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 149Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 150Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 151Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 152Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 153Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 154Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 437 page
background image
Peripherals
be suppressed by the filter. It is assumed that the frequency during the debounce period never exceeds
500 kHz (as required by the Nyquist theorem when using a 1 MHz sample frequency).
The LED will always be ON when the debounce filters are enabled, as the inputs in this case will be
sampled continuously.
When the debounce filters are enabled, displacements reported by the QDEC peripheral are delayed by
one SAMPLEPER period.
6.11.4 Accumulators
The quadrature decoder contains two accumulator registers, ACC and ACCDBL. These registers accumulate
valid motion sample values and the number of detected invalid samples (double transitions), respectively.
The ACC register will accumulate all valid values (1/-1) written to the SAMPLE register. This can be useful
for preventing hard real-time requirements from being enforced on the application. When using the ACC
register, the application can fetch data when necessary instead of reading all SAMPLE register output. The
ACC register holds the relative movement of the external mechanical device from the previous clearing
of the ACC register. Sample values indicating a double transition (2) will not be accumulated in the ACC
register.
An ACCOF event will be generated if the ACC receives a SAMPLE value that would cause the register
to overflow or underflow. Any SAMPLE value that would cause an ACC overflow or underflow will be
discarded, but any samples not causing the ACC to overflow or underflow will still be accepted.
The accumulator ACCDBL accumulates the number of detected double transitions since the previous
clearing of the ACCDBL register.
The ACC and ACCDBL registers can be cleared by the READCLRACC and subsequently read using the
ACCREAD and ACCDBLREAD registers.
The ACC register can be separately cleared by the RDCLRACC and subsequently read using the ACCREAD
registers.
The ACCDBL register can be separately cleared by the RDCLRDBL and subsequently read using the
ACCDBLREAD registers.
The REPORTPER register allows automated capture of multiple samples before sending an event. When
a non-null displacement is captured and accumulated, a REPORTRDY event is sent. When one or more
double-displacements are captured and accumulated, a DBLRDY event is sent. The REPORTPER field in this
register determines how many samples must be accumulated before the contents are evaluated and a
REPORTRDY or DBLRDY event is sent.
Using the RDCLRACC task (manually sent upon receiving the event, or using the DBLRDY_RDCLRACC
shortcut), ACCREAD can then be read.
When a double transition has been captured and accumulated, a DBLRDY event is sent. Using the
RDCLRDBL task (manually sent upon receiving the event, or using the DBLRDY_RDCLRDBL shortcut),
ACCDBLREAD can then be read.
6.11.5 Output/input pins
The QDEC uses a three-pin interface to the off-chip quadrature encoder.
These pins will be acquired when the QDEC is enabled in the ENABLE register. The pins acquired by the
QDEC cannot be written by the CPU, but they can still be read by the CPU.
The pin numbers to be used for the QDEC are selected using the PSEL.n registers.
4463_156 v1.0
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com