Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 167 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 167 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 163Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 164Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 165Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 166Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 167Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 168Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 169Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 170Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 171Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 437 page
background image
Peripherals
indicating that a packet transmission can be initiated. A packet transmission is initiated by triggering the
START task. The START task can first be triggered after the RADIO has entered into the TXIDLE state.
The following figure illustrates a single packet transmission where the CPU manually triggers the different
tasks needed to control the flow of the RADIO, i.e. no shortcuts are used. If shortcuts are not used, a
certain amount of delay caused by CPU execution is expected between READY and START, and between
END and DISABLE. As illustrated in Transmit sequence on page 167 the RADIO will by default transmit
1s between READY and START, and between END and DISABLED. What is transmitted can be programmed
through the DTX field in the MODECNF0 register.
TXRU
3
1
2
TXIDLE
A
S0 L S1
PAYLOAD
CRC
P
TX
TXIDLE
TXDISABLE
(carrier)
(carrier)
Figure 53: Transmit sequence
The following figure shows a slightly modified version of the transmit sequence where RADIO is configured
to use shortcuts between READY and START, and between END and DISABLE, which means that no delay is
introduced.
TXRU
2
1
A
S0 L S1
PAYLOAD
CRC
P
TX
TXDISABLE
(carrier)
Figure 54: Transmit sequence using shortcuts to avoid delays
RADIO is able to send multiple packets one after the other without having to disable and re-enable the
RADIO between packets, as illustrated in the following figure.
4463_156 v1.0
167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com