Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 171 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 171 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 167Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 168Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 169Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 170Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 171Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 172Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 173Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 174Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 175Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 437 page
background image
Peripherals
6.12.11 Bit counter
The RADIO implements a simple counter that can be configured to generate an event after a specific
number of bits have been transmitted or received.
By using shortcuts, this counter can be started from different events generated by the RADIO and count
relative to these.
The bit counter is started by triggering the BCSTART task, and stopped by triggering the BCSTOP task. A
BCMATCH event will be generated when the bit counter has counted the number of bits specified in the
BCC register. The bit counter will continue to count bits until the DISABLED event is generated or until
the BCSTOP task is triggered. After a BCMATCH event, the CPU can reconfigure the BCC value for new
BCMATCH events within the same packet.
The bit counter can only be started after the RADIO has received the ADDRESS event.
The bit counter will stop and reset on either the BCSTOP, STOP, or DISABLE task, or the END event.
The following figure shows how the bit counter can be used to generate a BCMATCH event in the
beginning of the packet payload, and again generate a second BCMATCH event after sending 2 bytes (16
bits) of the payload.
1
A
S0 L S1
PAYLOAD
CRC
P
RXRU
RX
RXDISABLE
2
Assuming that the
combined length
of S0, length (L)
and S1 is 12bits.
3
0
1
2
’X’
Figure 60: Bit counter example
6.12.12 Direction finding
The RADIO implements the Angle-of-Arrival (AoA) and Angle-of-Departure (AoD) Bluetooth Low Energy
feature, which can be used to determine the direction of a peer device. The feature is available for the BLE
1 Mbps and BLE 2 Mbps modes.
When using this feature, the transmitter sends a packet with a continuous tone extension (CTE) appended
to the packet, after the CRC. During the CTE, the receiver can take IQ samples of the incoming signal.
An antenna array is employed at the transmitter (AoD) or at the receiver (AoA). The AoD transmitter, or
AoA receiver, switches between the antennas, in order to collect IQ samples from the different antenna
pairs. The IQ samples can be used to calculate the relative path lengths between the antenna pairs, which
can be used to estimate the direction of the transmitter.
6.12.12.1 CTE format
The CTE is from 16 µs to 160 µs and consists of an unwhitened sequence of 1's, equivalent to a continuous
tone nominally offset from the carrier by +250 kHz for the 1 Mbps PHY and +500 kHz for the 2 Mbps BLE
PHYs. The format of the CTE, when switching and/or sampling, is shown in the following figure.
4463_156 v1.0
171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com