Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 172 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 172 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 168Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 169Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 170Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 171Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 172Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 173Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 174Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 175Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 176Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 437 page
background image
Peripherals
GUARD
PERIOD
REFERENCE PERIOD
SWITCH
SLOT
SAMPLE
SLOT
...
SWITCH
SLOT
SAMPLE
SLOT
SWITCH
SLOT
SAMPLE
SLOT
4 µs
8 µs
1 or 2 µs
1 or 2 µs
16-160 µs
Figure 61: Constant tone extension (CTE) structure
Antenna switching is performed during switch slots and the guard period. The AoA/AoD feature requires
that one IQ sample is taken for each microsecond within the reference period, and once for each sample
slot. Oversampling is possible by changing the sample spacing as described in IQ sampling on page 175.
The switch slot and sample slot durations are either 1 or 2 µs, but must be equal. The format of the CTE
and switching and sampling procedures may be configured prior to, or during, packet transmission and
reception. Alternatively, during packet reception, these operations can be configured by reading specific
fields of the packet contents.
6.12.12.2 Mode
Depending on the DFEMODE, the device performs the procedures shown in the following table.
DFEMODE
AOA
AOD
TX
RX
TX
RX
Generating and transmitting CTE
x
x
Receiving, interpreting, and sampling CTE
x
x
AoA/AoD Procedure
Antenna switching
x
x
Table 55: AoA/AoD Procedures performed as a function of DFEMODE and TX/RX mode
6.12.12.3 Inline configuration
When inline configuration is enabled during RX, further configuration of the AoA/AoD procedures
is performed based on the values of the CP bit and the CTEInfo octet within the packet. This
is enabled by setting CTEINLINECONF.CTEINLINECTRLEN. The CTEInfo octet is present only if
the CP bit is set. The position of the CP bit and CTEInfo octet depends on whether the packet
has a Data Channel PDU (CTEINLINECONF.CTEINFOINS1=InS1), or an Advertising Channel PDU
(CTEINLINECONF.CTEINFOINS1=NotInS1).
Data channel PDU
For Data Channel PDUs, PCNF0.S0LEN must be 1 byte, and PCNF0.LFLEN must be 8 bits. To determine if S1
is present, the registers CTEINLINECONF.S0MASK and CTEINLINECONF.S0CONF forms a bitwise mask-and-
test for the S0 field. If the bitwise AND between S0 and S0MASK equals S0CONF, then S1 is determined to
be present. When present, the value of PCNF0.S1LEN will be ignored, as this is decided by the CP bit in the
the following figure.
Length
CTEInfo
...
CP
...
5 bits
2
bits
8 bits
0 or 8
bits
1
bit
S0
LENGTH
S1
Figure 62: Data channel PDU header
When encrypting and decrypting BLE packets using the CCM peripheral, it is also required to set
PCNF0.S1INCL=1. The CCM mode must be configured to use an 8-bit length field. The value of the CP bit is
included in the calculation of the MIC, while the S1 field is ignored by the CCM calculation.
4463_156 v1.0
172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com