Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 176 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 176 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 172Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 173Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 174Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 175Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 176Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 177Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 178Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 179Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 180Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 437 page
background image
Peripherals
CTEType
Sample spacing
AoD 1 µs slots
CTEINLINECONF.CTEINLINERXMODE1US
AoD 2 µs slots
CTEINLINECONF.CTEINLINERXMODE2US
Other
DFECTRL1.TSAMPLESPACING
Table 59: Sample spacing when CTEINLINECONF.CTEINLINECTRLEN is set and the device is in AoD RX mode
For AoA RX mode, the sample spacing after the reference period is determined by
DFECTRL1.TSWITCHSPACING, as listed in the following table.
DFECTRL1.TSWITCHSPACING
Sample spacing
2 µs
CTEINLINECONF.CTEINLINERXMODE1US
4 µs
CTEINLINECONF.CTEINLINERXMODE2US
Other
DFECTRL1.TSAMPLESPACING
Table 60: Sample spacing when CTEINLINECONF.CTEINLINECTRLEN is set and the device is in AoA RX mode
For the reference and switching periods, DFECTRL1.TSAMPLESPACINGREF and DFECTRL1.TSAMPLESPACING
can be used to achieve oversampling.
6.12.13 IEEE 802.15.4 operation
With the MODE=Ieee802154_250kbit the RADIO will comply with the IEEE 802.15.4-2006 standard
implementing its 250 kbps, 2450 MHz, O-QPSK PHY.
The IEEE 802.15.4 standard differs from Nordic's proprietary and Bluetooth® low energy modes. Notable
differences include modulation scheme, channel structure, packet structure, security, and medium access
control.
The main features of the IEEE 802.15.4 mode are:
• Ultra-low power 250 kbps, 2450 MHz, IEEE 802.15.4-2006 compliant link
• Clear channel assessment
• Energy detection scan
• CRC generation
6.12.13.1 Packet structure
The IEEE 802.15.4 standard defines an on-the-air frame/packet that is different from what is used in BLE
mode.
The following figure provides an overview of the physical frame structure and its timing.
PHY protocol data unit (PPDU)
Preamble sequence
SFD
Length
PHY payload
5 octets synchronization header (SHR)
1 octet
(PHR)
Maximum 127 octets (PSDU)
160 µs
32 µs
<=4064 µs
MAC protocol data unit (MPDU)
Figure 67: IEEE 802.15.4 frame format (PPDU)
The standard uses the term octet for an 8-bit storage unit within the PPDU. For timing, the value symbol is
used, and it has a duration of 16 µs.
The total usable payload (PSDU) is 127 octets, but when CRC is in use, this is reduced to 125 octets of
usable payload.
4463_156 v1.0
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com