Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 224 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 224 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 220Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 221Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 222Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 223Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 224Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 225Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 226Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 227Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 228Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 437 page
background image
Peripherals
-95.6
-95.4
-95.2
-95
-94.8
-94.6
-94.4
-94.2
-94
-93.8
-93.6
-40
-20
0
20
40
60
80
100
120
Temperature Range [°C]
1.7 V
3 V
3.6 V
Figure 78: Sensitivity, 1 Mbps Bluetooth low energy mode, Regulator = LDO (typical values)
6.12.16.6 RX selectivity
RX selectivity with equal modulation on interfering signal16
Symbol
Description
Min.
Typ.
Max.
Units
C/I1M,co-channel
1Mbps mode, co-channel interference
10
dB
C/I1M,-1MHz
1 Mbps mode, Adjacent (-1 MHz) interference
-5
dB
C/I1M,+1MHz
1 Mbps mode, Adjacent (+1 MHz) interference
-14
dB
C/I1M,-2MHz
1 Mbps mode, Adjacent (-2 MHz) interference
-25
dB
C/I1M,+2MHz
1 Mbps mode, Adjacent (+2 MHz) interference
-45
dB
C/I1M,-3MHz
1 Mbps mode, Adjacent (-3 MHz) interference
-40
dB
C/I1M,+3MHz
1 Mbps mode, Adjacent (+3 MHz) interference
-46
dB
C/I1M,±6MHz
1 Mbps mode, Adjacent (≥6 MHz) interference
-52
dB
C/I1MBLE,co-channel
1 Mbps BLE mode, co-channel interference
6
dB
C/I1MBLE,-1MHz
1 Mbps BLE mode, Adjacent (-1 MHz) interference
-2
dB
C/I1MBLE,+1MHz
1 Mbps BLE mode, Adjacent (+1 MHz) interference
-10
dB
C/I1MBLE,-2MHz
1 Mbps BLE mode, Adjacent (-2 MHz) interference
-28
dB
C/I1MBLE,+2MHz
1 Mbps BLE mode, Adjacent (+2 MHz) interference
-45
dB
C/I1MBLE,>3MHz
1 Mbps BLE mode, Adjacent (≥3 MHz) interference
-54
dB
C/I1MBLE,image
Image frequency interference
-28
dB
C/I1MBLE,image,1MHz Adjacent (1 MHz) interference to in-band image frequency
-37
dB
C/I2M,co-channel
2 Mbps mode, co-channel interference
10
dB
C/I2M,-2MHz
2 Mbps mode, Adjacent (-2 MHz) interference
-4
dB
C/I2M,+2MHz
2 Mbps mode, Adjacent (+2 MHz) interference
-16
dB
C/I2M,-4MHz
2 Mbps mode, Adjacent (-4 MHz) interference
-22
dB
C/I2M,+4MHz
2 Mbps mode, Adjacent (+4 MHz) interference
-46
dB
16 Desired signal level at PIN = -67 dBm. One interferer is used, having equal modulation as the desired
signal. The input power of the interferer where the sensitivity equals BER = 0.1% is presented.
4463_156 v1.0
224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com